Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1933IS6-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1933IS6-PBF
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933IS6-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT1933IS6-PBF Datasheet HTML 1Page - Linear Technology LT1933IS6-PBF Datasheet HTML 2Page - Linear Technology LT1933IS6-PBF Datasheet HTML 3Page - Linear Technology LT1933IS6-PBF Datasheet HTML 4Page - Linear Technology LT1933IS6-PBF Datasheet HTML 5Page - Linear Technology LT1933IS6-PBF Datasheet HTML 6Page - Linear Technology LT1933IS6-PBF Datasheet HTML 7Page - Linear Technology LT1933IS6-PBF Datasheet HTML 8Page - Linear Technology LT1933IS6-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1933
5
1933fd
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Foldback
Soft-Start
SHDN Pin Current
Typical Minimum Input Voltage
Typical Minimum Input Voltage
Switch Current Limit
Operating Waveforms
Operating Waveforms,
Discontinuous Mode
FB PIN VOLTAGE (V)
0.0
700
600
300
100
400
500
200
0
0.5
1933 G10
1.0
1.5
TA = 25°C
SHDN PIN VOLTAGE (V)
0
1.4
1.2
0.6
0.2
0.8
1.0
0.4
0
1
1933 G11
234
TA = 25°C
DC = 30%
0
200
150
50
100
0
4
1933 G12
812
16
SHDN PIN VOLTAGE (V)
TA = 25°C
LOAD CURRENT (mA)
5
6
7
8
1933 G13
4
VOUT = 5V
TA = 25°C
L = 33μH
TO START
TO RUN
1
10
100
LOAD CURRENT (mA)
4.5
5.0
5.5
6.0
1933 G14
3.0
3.5
4.0
VOUT = 3.3V
TA = 25°C
L = 22μH
TO START
TO RUN
1
10
100
TEMPERATURE (°C)
–50
1.4
1.2
1.0
0.6
0
0.2
0.8
0.4
–25
0
25
1933 G15
50
75
100
150
125
VIN = 12V, VOUT = 3.3V, IOUT = 400mA,
L = 22μH, COUT = 22μF
1933 G16
VOUT 10mV/DIV
IL 200mA/DIV
VOUT1
1.8V
VOUT2
1.2V
VSW 10V/DIV
VIN = 12V, VOUT = 3.3V, IOUT = 20mA,
L = 22μH, COUT = 22μF
1933 G17
VOUT 10mV/DIV
IL 200mA/DIV
VOUT1
1.8V
VOUT2
1.2V
VSW 10V/DIV


Similar Part No. - LT1933IS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933IS6 LINER-LT1933IS6 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
More results

Similar Description - LT1933IS6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933 LINER-LT1933_15 Datasheet
368Kb / 20P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
logo
New Japan Radio
NJW1933 NJRC-NJW1933 Datasheet
412Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
NJW1616 NJRC-NJW1616 Datasheet
407Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
logo
Linear Technology
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
logo
Will Semiconductor Ltd.
WD1012EA-5-TR WILLSEMI-WD1012EA-5-TR Datasheet
229Kb / 9P
   1.5MHz, 600mA Synchronous Step-Down Regulator in SOT
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com