Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1933ES6-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT1933ES6-PBF
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933ES6-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1933ES6-PBF Datasheet HTML 2Page - Linear Technology LT1933ES6-PBF Datasheet HTML 3Page - Linear Technology LT1933ES6-PBF Datasheet HTML 4Page - Linear Technology LT1933ES6-PBF Datasheet HTML 5Page - Linear Technology LT1933ES6-PBF Datasheet HTML 6Page - Linear Technology LT1933ES6-PBF Datasheet HTML 7Page - Linear Technology LT1933ES6-PBF Datasheet HTML 8Page - Linear Technology LT1933ES6-PBF Datasheet HTML 9Page - Linear Technology LT1933ES6-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1933
6
1933fd
PIN FUNCTIONS
BOOST (Pin 1): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal bipolar
NPN power switch.
GND (Pin 2/Pin 5 and Exposed Pad, Pin 7): Tie the
GND pin to a local ground plane below the LT1933 and
the circuit components. Return the feedback divider to
this pin.
FB (Pin 3/Pin 6): The LT1933 regulates its feedback pin to
1.245V. Connect the feedback resistor divider tap to this
pin. Set the output voltage according to VOUT = 1.245V
(1 + R1/R2). A good value for R2 is 10k.
SHDN (Pin 4): The SHDN pin is used to put the LT1933 in
shutdown mode. Tie to ground to shut down the LT1933.
Tie to 2.3V or more for normal operation. If the shutdown
feature is not used, tie this pin to the VIN pin. SHDN also
provides a soft-start function; see the Applications Infor-
mation section.
VIN (Pin 5/Pin 2): The VIN pin supplies current to the
LT1933’s internal regulator and to the internal power
switch. This pin must be locally bypassed.
SW (Pin 6): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
(SOT-23/DFN)
BLOCK DIAGRAM
Σ
R
DRIVER
Q1
S
OSC
SLOPE
COMP
FREQUENCY
FOLDBACK
INT REG
AND
UVLO
VC
gm
1.245V
1933 BD
Q
Q
BOOST
SW
FB
R2
R1
VOUT
L1
D2
C3
C1
D1
VIN
C2
VIN
ON OFF
GND
C4
R3
SHDN


Similar Part No. - LT1933ES6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933ES6 LINER-LT1933ES6 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
More results

Similar Description - LT1933ES6-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933 LINER-LT1933_15 Datasheet
368Kb / 20P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
logo
New Japan Radio
NJW1933 NJRC-NJW1933 Datasheet
412Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
NJW1616 NJRC-NJW1616 Datasheet
407Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
logo
Linear Technology
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
logo
Will Semiconductor Ltd.
WD1012EA-5-TR WILLSEMI-WD1012EA-5-TR Datasheet
229Kb / 9P
   1.5MHz, 600mA Synchronous Step-Down Regulator in SOT
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com