Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC1173 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part No. TC1173
Description  300mA CMOS LDO with Shutdown, ERROR Output and Bypass
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TELCOM [TelCom Semiconductor, Inc]
Homepage  http://www.telcom-semi.com
Logo 

TC1173 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
300mA CMOS LDO With Shutdown,
ERROR Output, And Bypass
TC1173
TC1173-2 2/2/00
TYPICAL CHARACTERISTICS
Output Noise
FREQUENCY (KHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
RLOAD = 50Ω
COUT = 1µF
0.012
0.010
0.008
0.004
0.002
0.000
–0.002
–0.004
0.006
–40 –20
0
20
40
60
80 100 120
TEMPERATURE (
°C)
Line Regulation
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0
50
100
150
200
250
300
LOAD CURRENT (mA)
Dropout Voltage vs. Load Current
Power Supply Rejection Ratio
FREQUENCY (KHz)
–30dB
–35dB
–40dB
–45dB
–50dB
–55dB
–60dB
–65dB
–70dB
–75dB
–80dB
100
1K
10K
10
1M
100K
VOUT = 5V
RLOAD = 50Ω
VINAC = 50mV p-p
COUT = 1µF
100.0
90.0
70.0
80.0
50.0
40.0
60.0
–40 –20
0
20
40
60
80 100 120
TEMPERATURE (
°C)
Supply Current
2.00
1.80
1.60
1.20
1.00
0.80
0.60
0.40
0.20
0.00
1.40
–40 –20
0
20
40
60
80 100 120
TEMPERATURE (
°C)
Load Regulation
1 to 300mA
1 to 50mA
1 to 100mA
3.075
3.025
2.925
2.975
–40 –20
0
20
40
60
80 100 120
TEMPERATURE (
°C)
VOUT vs. Temperature
125
°C
85
°C
70
°C
25
°C
0
°C
–40
°C
VIN = 4V
ILOAD = 100µA
CLOAD = 3.3µF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn