Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX658A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FCX658A
Description  NPN Silicon Planar Medium Power High Voltage Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FCX658A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FCX658A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FCX658A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Silicon Planar Medium Power
High Voltage Transistor
FCX658A
Features
400 Volt VCEO
0.5 Amp continuous current
Ptot=1 Watt
Optimised hfe characterised upto 200mA
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
1A
Continuous Collector Current
IC
500
mA
Power Dissipation at Tamb=25
1W
derate above 25
5.7
mW/
Operating and Storage Temperature Range
Tj:Tstg
-55to+150
Ptot


Similar Part No. - FCX658A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX658A ZETEX-FCX658A Datasheet
75Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX658A DIODES-FCX658A Datasheet
81Kb / 4P
   SOT89 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
FCX658A DIODES-FCX658A_15 Datasheet
81Kb / 4P
   SOT89 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
More results

Similar Description - FCX658A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX658 DIODES-ZTX658 Datasheet
124Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
ZTX457 ZETEX-ZTX457 Datasheet
35Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
FCX658A ZETEX-FCX658A Datasheet
75Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
List of Unclassifed Man...
ZTX658STZ ETC2-ZTX658STZ Datasheet
124Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
ZTX457 DIODES-ZTX457_15 Datasheet
46Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
ZTX658 DIODES-ZTX658_15 Datasheet
124Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
ZTX658STOA DIODES-ZTX658STOA Datasheet
124Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
ZTX658 ZETEX-ZTX658 Datasheet
58Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
FXT458 ZETEX-FXT458 Datasheet
26Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
ZTX658 ZETEX-ZTX658_02 Datasheet
117Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com