Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1881AIN8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1881AIN8
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881AIN8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1881AIN8 Datasheet HTML 3Page - Linear Technology LT1881AIN8 Datasheet HTML 4Page - Linear Technology LT1881AIN8 Datasheet HTML 5Page - Linear Technology LT1881AIN8 Datasheet HTML 6Page - Linear Technology LT1881AIN8 Datasheet HTML 7Page - Linear Technology LT1881AIN8 Datasheet HTML 8Page - Linear Technology LT1881AIN8 Datasheet HTML 9Page - Linear Technology LT1881AIN8 Datasheet HTML 10Page - Linear Technology LT1881AIN8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1881/LT1882
7
18812fa
Supply Current per Amplifier vs
Supply Voltage
Slew Rate vs Supply Voltage
Slew Rate vs Temperature
Settling Time vs Output Step
Settling Time vs Output Step
TOTAL SUPPLY VOLTAGE (V)
0
1881/2 G02
4
8
12
16
20
24
28
32
36
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
FALLING
RISING
AV = –1
TOTAL SUPPLY VOLTAGE (V)
0
1881/2 G02
4
8
12
16
20
24
28
32
36
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
FALLING
RISING
AV = –1
TEMPERATURE (
°C)
–50
1881/2 G03
–25
0
25
50
75
100 125 150
0.5
0.4
0.3
0.2
0.1
0
FALLING
RISING
VS = ±15V
AV = –1
VS = ±5V
VS = ±15V
VS = ±5V
Gain Bandwidth Product vs
Supply Voltage
SETTLING TIME (
μs)
0
1881/2 G04
5 10 15 20 25 30 35 40 45 50 55 60 65
10
8
6
4
2
0
–2
–4
–6
–8
–10
VS = ±15V
AV = –1
0.1%
0.01%
0.1%
0.01%
SETTLING TIME (
μs)
0
1881/2 G05
5 10 15 20 25 30 35 40 45 50 55 60 65
10
8
6
4
2
0
–2
–4
–6
–8
–10
VS = ±15V
AV = 1
0.1%
0.01%
0.1%
0.01%
TOTAL SUPPLY VOLTAGE (V)
0
1881/2 G06
4
8
12
16
20
24
28
32
36
900
850
800
750
700
650
600
–55
°C
125
°C
25
°C
TYPICAL PERFOR A CE CHARACTERISTICS
Phase Margin vs Supply Voltage
Gain vs Frequency, AV = –1
Gain vs Frequency, AV = 1
TOTAL SUPPLY VOLTAGE (V)
0
1881/2 G07
4
8
12
16
20
24
28
32
36
60
58
56
54
52
50
48
46
125
°C
–55
°C
125
°C
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
10
0
–10
–20
–30
–40
VS = ±15V
VS = ±2.5V
1881/2 G08
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
10
0
–10
–20
–30
–40
VS = ±15V
VS = ±2.5V
1881/2 G09


Similar Part No. - LT1881AIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1881AIN8 LINER-LT1881AIN8 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results

Similar Description - LT1881AIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com