Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1791AHN-TR Datasheet(PDF) 1 Page - Linear Technology

Part # LT1791AHN-TR
Description  60V Fault Protected RS485/RS422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791AHN-TR Datasheet(HTML) 1 Page - Linear Technology

  LT1791AHN-TR Datasheet HTML 1Page - Linear Technology LT1791AHN-TR Datasheet HTML 2Page - Linear Technology LT1791AHN-TR Datasheet HTML 3Page - Linear Technology LT1791AHN-TR Datasheet HTML 4Page - Linear Technology LT1791AHN-TR Datasheet HTML 5Page - Linear Technology LT1791AHN-TR Datasheet HTML 6Page - Linear Technology LT1791AHN-TR Datasheet HTML 7Page - Linear Technology LT1791AHN-TR Datasheet HTML 8Page - Linear Technology LT1791AHN-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
1
178491fb
TYPICAL APPLICATION
DESCRIPTION
60V Fault Protected
RS485/RS422 Transceivers
The LT®1785/LT1791 are half-duplex and full-duplex differ-
ential bus transceivers for RS485 and RS422 applications
which feature on-chip protection from overvoltage faults
on the data transmission lines. Receiver input and driver
output pins can withstand voltage faults up to ±60V with
respect to ground with no damage to the device. Faults
may occur while the transceiver is active, shut down or
powered off.
Data rates to 250kbaud on networks of up to 128 nodes
are supported. Controlled slew rates on the driver out-
putscontrol EMI emissions and improve data transmis-
sion integrity on improperly terminated lines. Drivers are
specified to operate with inexpensive cables as low as
72Ω characteristic impedance.
The LT1785A/LT1791A devices have “fail-safe” receiver
inputs to guarantee a receiver output high for shorted, open
or inactive data lines. On-chip ESD protection eliminates
need for external protection devices.
The LT1785/LT1785A are available in 8-lead DIP and SO
packages and the LT1791/LT1791A in 14-lead DIP and
SO packages.
Normal Operation Waveforms at 250kBaud
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n Protected from Overvoltage Line Faults to ±60V
n Pin Compatible with LTC485 and LTC491
n High Input Impedance Supports Up to 128 Nodes
n No Damage or Latchup to ESD
IEC-1000-4-2 Level 4: ±15kV Air Discharge
IEC-1000-4-2 Level 2: ±4kV Contact Discharge
n Controlled Slew Rates for EMI Emissions Control
n Guaranteed High Receiver Output State for Floating,
Shorted or Inactive Inputs
n Outputs Assume a High Impedance When Off or
Powered Down
n Drives Low Cost, Low Impedance Cables
n Short-Circuit Protection on All Outputs
n Thermal Shutdown Protection
n Guaranteed Operation to 125°C
n Industrial Control Data Networks
n CAN Bus Applications
n HVAC Controls
GND1
GND2
RTERM
178591 TA01
RO1
RE1
DE1
DI1
LT1785
RO2
RE2
DE2
DI2
LT1785
VCC1
VCC2
RTERM
TX
TX
RX
RX
RO
178591 TA02
DI
Y-Z


Similar Part No. - LT1791AHN-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791AC LINER-LT1791AC Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791ACN LINER-LT1791ACN Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791ACS LINER-LT1791ACS Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
More results

Similar Description - LT1791AHN-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com