Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1881ACN8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1881ACN8
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881ACN8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1881ACN8 Datasheet HTML 5Page - Linear Technology LT1881ACN8 Datasheet HTML 6Page - Linear Technology LT1881ACN8 Datasheet HTML 7Page - Linear Technology LT1881ACN8 Datasheet HTML 8Page - Linear Technology LT1881ACN8 Datasheet HTML 9Page - Linear Technology LT1881ACN8 Datasheet HTML 10Page - Linear Technology LT1881ACN8 Datasheet HTML 11Page - Linear Technology LT1881ACN8 Datasheet HTML 12Page - Linear Technology LT1881ACN8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1881/LT1882
9
18812fa
OUTPUT OFFSET VOLTAGE (
μV)
1881/2 G18
26
24
22
20
18
16
14
12
10
8
6
4
2
0
–60
–40
–20
0
20
40
60
VS = ±15V
40 N8 (1 LOT)
144 S8 (2 LOTS)
184 TOTAL PARTS
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
1881/2 G19
200
150
100
50
0
–50
–100
–150
–200
–55 –35 –15
5
25
45
65
85 105 125
VS = ±15V
TIME AFTER POWER UP (s)
1881/2 G20
5
0
–5
–10
–15
–20
–25
–30
0
20
40
60
80
100
120
140
N8 VS = 5V
N8 VS = ±15V
S8 VS = 5V, ±15V
VCM (V)
1881/2 G21
1000
800
600
400
200
0
200
400
600
800
1000
–20 –15 –10
–5
0
5
10
15
20
VS = ±15V
TEMPERATURE (
°C)
1881/2 G22
150
100
50
0
–50
–100
–150
–40
–20
0
20406080
VS = ±15V
–IBIAS
+IBIAS
SUPPLY VOLTAGE (
±V)
1881/2 G23
V+ – 0
V+ – 0.5
V+ – 1.0
V+ – 1.5
V + 1.5
V + 1.0
V + 0.5
V + 0
02
4
6
8
10
12
14
16
ΔVOS < 1mV
85
°C
85
°C
–40
°C
25
°C
–40
°C
25
°C
TEMPERATURE (
°C)
1881/2 G24
5
4
3
2
1
0
–1
–2
–3
–4
–5
–50
–25
0
25
50
75
100
125
VS = ±5V
SUPPLY VOLTAGE (
±V)
1881/2 G25
V+ – 0
V+ – 0.5
V+ – 1.0
V + 1.0
V + 0.5
V + 0
02
4
6
8
10 12 14 16 18 20
AV = –1
TA = 25°C
RL = 10k
RL = 2k
RL = 10k
RL = 2k
SOURCING LOAD CURRENT (mA)
0.001
0.01
0.1
1
0.1
0.01
1
10
1881/2 G26
TA = 85°C
TA = –40°C
TA = 25°C
VS = ±15V
VOD = 30mV
LT1881 VOS Distribution,
TA = 25°C
LT1881IS8 Voltage Offset vs
Temperature
Warm-Up Drift vs Time
LT1881 Input Bias Current vs
Common Mode Voltage
LT1881 Input Bias Current vs
Temperature
LT1881 Input Common Mode
Range vs Supply Voltage
LT1881 Input Common Mode
Voltage vs Temperature
LT1881 Output Voltage Swing vs
Supply Voltage
LT1881 Output Saturation Voltage
vs Load Current (Output High)


Similar Part No. - LT1881ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1881ACN8 LINER-LT1881ACN8 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results

Similar Description - LT1881ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com