Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC1014 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part No. TC1014
Description  50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1014 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC1014 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC1014
5
PRELIMINARY INFORMATION
TC1014-01-6/5/97
50mA CMOS LDO WITH SHUTDOWN
AND REFERENCE BYPASS
Sales Offices
TelCom Semiconductor
1300 Terra Bella Avenue
P.O. Box 7267
Mountain View, CA 94039-7267
TEL: 415-968-9241
FAX: 415-967-1590
E-Mail: liter@c2smtp.telcom-semi.com
Printed in the U.S.A.
TelCom Semiconductor H.K. Ltd.
10 Sam Chuk Street, 6/F
San Po Kong
Kowloon
Hong Kong
TEL: 852-2324-0122
FAX: 852-2354-9957
TelCom Semiconductor
Austin Product Center
9101 Burnet Rd. Suite 214
Austin, TX 78758
TEL: 512-873-7100
FAX: 512-873-8236
SOT-23A-5*
PACKAGE DIMENSIONS
Dimensions: inches (mm)
.071 (1.80)
.059 (1.50)
.122 (3.10)
.098 (2.50)
.020 (0.50)
.012 (0.30)
.037 (0.95)
REFERENCE
.122 (3.10)
.106 (2.70)
.057 (1.45)
.035 (0.90)
.006 (0.15)
.000 (0.00)
.022 (0.55)
.008 (0.20)
10
° MAX.
.010 (0.25)
.004 (0.09)
SOT-23A-5
&
= part number code + temperature range and voltage
TC1014 (V)
Code
2.5
A1
2.7
A2
3.0
A3
3.3
A5
5.0
A7
represents year and quarter code
represents lot ID number
NOTE: *SOT-23A-5 is equivalent to the EIAJ (SC-74A)
MARKING


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn