Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS04 Datasheet(PDF) 6 Page - Altech corporation

Part # MS04
Description  MS016
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MS04 Datasheet(HTML) 6 Page - Altech corporation

  MS04 Datasheet HTML 1Page - Altech corporation MS04 Datasheet HTML 2Page - Altech corporation MS04 Datasheet HTML 3Page - Altech corporation MS04 Datasheet HTML 4Page - Altech corporation MS04 Datasheet HTML 5Page - Altech corporation MS04 Datasheet HTML 6Page - Altech corporation MS04 Datasheet HTML 7Page - Altech corporation MS04 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www .altechme xico .com
9
DOS POLOS
TRES POLOS
Clasif.
Corriente
Código
Aprobación
0.3A
2C0.306
0.5A
2C0.506
0.75A
2C0.756
0.8A
ND
1.0A
2C1.06
1.6A
2C1.66
2.0A
2C2.06
2.5A
2C2.56
3.0A
2C3.06
3.5A
2C3.56
4.0A
2C4.06
5.0A
2C5.06
6.0A
2C6.06
8.0A
2C8.06
10A
2C106
13A
2C136
16A
2C166
20A
2C206
25A
2C256
32A
2C326
40A
2C406
50A
2C506
63A
2C636
Código
Aprobación
3C0.306
3C0.506
3C0.756
ND
3C1.06
3C1.66
3C2.06
3C2.56
3C3.06
3C3.56
3C4.06
3C5.06
3C6.06
3C8.06
3C106
3C136
3C166
3C206
3C256
3C326
3C406
3C506
3C636
Parámetros del Disparo
Magnético Curva “C”
1. Mantenido por un minimo de 100ms en
sobre tensión ó 5 veces la corriente
nominal.
2. Disparo abajo de 100 ms a 10 veces la
intensidad nominal.
2C
3C
230/400V CA
0.3 - 63A (RC): 6kA
6.0 - 20A (RC) : 80A
25 - 32A (RC) : 100A
40 - 63A (RC) : 125A
20000 ON/OFF operaciónes
30°C (86°F)
5/1.4kg (3.1 lb.)
Arriba: 18-3 AWG; 0.5-25mm2
Abajo: 18-2 AWG; 0.5-35mm2
22 lb.in.; 2.5 Nm
230/400V CA
0.3 - 63A (RC): 6kA
6.0 - 20A (RC) : 80A
25 - 32A (RC) : 100A
40 - 63A (RC) : 125A
20000 ON/OFF operaciónes
30°C (86°F)
4/1.68kg (3.7 lb.)
Arriba: 18-3 AWG; 0.5-25mm2
Abajo: 18-2 AWG; 0.5-35mm2
22 lb.in.; 2.5 Nm
Dimensiones
Basicas
(vista lateral)
35 mm
(1.38 in.)
70 mm (2.76 in.)
91.5 mm
(3.60 in.)
35 mm (1.38 in.)
91.5 mm
(3.60 in.)
52.5 mm (2.07 in.)
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
V-EA-C Disparo
0.3 - 10 Amps
12
3 4 5 68 10
20
40
100
Múltiplo de Corriente Nominal
1.13-1.45xI
N
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
V-EA-C Disparo
13 - 63 Amps
12
3 4 5 68 10
20
40
100
Múltiplo de Corriente Nominal
1.13-1.45xI
N
M EXICO


Similar Part No. - MS04

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
MS04 BURKERT-MS04 Datasheet
1Mb / 12P
   Online Analysis System
26.04.2023
logo
Standex Electronics, In...
MS04-PP STANDEX-MS04-PP Datasheet
61Kb / 1P
   MS04-PP SERIES MAGNETIC FLOAT
Version: 02 06.04.09
logo
List of Unclassifed Man...
MS04050006081FA ETC2-MS04050006081FA Datasheet
704Kb / 1P
   pozidriv cross recessed pan head machine screws
logo
American Accurate Compo...
MS04A03T1V1 AAC-MS04A03T1V1 Datasheet
59Kb / 1P
   MS Low Capacitance MAX Guard짰 ESD Suppressor
MS04A03T2V2 AAC-MS04A03T2V2 Datasheet
59Kb / 1P
   MS Low Capacitance MAX Guard짰 ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com