Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLB5LB-230 Datasheet(PDF) 1 Page - Altech corporation

Part # PLB5LB-230
Description  30 mm Metal Pilot Light PLBx-yyy
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PLB5LB-230 Datasheet(HTML) 1 Page - Altech corporation

  PLB5LB-230 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ITEM DESCRIPTION
CAT. NO.
COLOR
MIN. QTY. MAX. QTY.
PLB1-yyy or PLB1LB-yyy White
1
1
PLB3-yyy or PLB3LB-yyy Green
1
1
PLB4-yyy or PLB4LB-yyy Red
1
1
PLB5-yyy or PLB5LB-yyy Amber
1
1
PLB6-yyy or PLB6LB-yyy Blue
1
1
PLB7-yyy or PLB7LB-yyy Clear
1
1
PLB8-yyy or PLB8LB-yyy Yellow
1
1
2*
Rubber washer
ARW1.2/ARW3.2
Black
1
4
3
Panel
-
-
-
-
4**
Contact Element washer
-
Black
1
2
5**
Switch Contacts
S11
Red
1
2
6**
Switch Contacts
S12
Yellow
1
2
7**
Contact Block Installation Screws SC25/SC45/SC65/SC90
-
2
2
1*
30 mm Pilot Light (with filament
bulb or LED bulb)
yyy = Voltage
012
=
12V AC/DC
024
=
24V AC/DC
048
=
48V AC/DC
110
=
110V AC/DC
230
=
230V AC
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/20/2007
Philipp Ernstberger
30 mm Metal Pilot Light PLBx-yyy (filament bulb and PLBxLB-yyy
(x=color; yyy=voltage)
1PB-PLBx-yyy
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-PLBx-yyy
rev
-
ch.no.
-
description
original design
date
revised by
11/20/2007
Philipp E.
25 mm
[1.0 in]
max. 6 mm
[.25 in]
41 mm
[1.6 in]
81 mm
[3.2 in]
123 mm
[4.9 in]
1
2
3
5
4
6
7
* =
Operator includes 3x ARW1.2, 1x ARW3.2
** =
Switch Contacts include Contact element washer and two SC24 installation screws, if more than
two contact blocks are used, additional screws must be purchased seperatly (SC45, SC65 or SC90)


Similar Part No. - PLB5LB-230

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PLB-3B-10B MERRIMAC-PLB-3B-10B Datasheet
88Kb / 1P
   LINEAR PHASE MODULATORS
PLB-3B-500B MERRIMAC-PLB-3B-500B Datasheet
88Kb / 1P
   LINEAR PHASE MODULATORS
logo
List of Unclassifed Man...
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
   MAGIC LED
PLB010003-M ETC1-PLB010003-M Datasheet
324Kb / 6P
   MAGIC LED
PLB010003-P ETC1-PLB010003-P Datasheet
324Kb / 6P
   MAGIC LED
More results

Similar Description - PLB5LB-230

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2PLBXLB-YYY ALTECH-2PLBXLB-YYY Datasheet
335Kb / 1P
   22 mm LED Metal Pilot Light 2PLBx-LB-yyy
2ALPXLB-YYY ALTECH-2ALPXLB-YYY Datasheet
154Kb / 1P
   22 mm LED Illuminated Metal Projecting Operators 2ALPxLB-yyy
3PLBRXL-YYY ALTECH-3PLBRXL-YYY Datasheet
195Kb / 1P
   Unibody LED Indicator Plastic Pilot Lights 3PLBRxL-yyy
ALFX-YYY ALTECH-ALFX-YYY Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
logo
Schneider Electric
ZA2BV05 SCHNEIDER-ZA2BV05 Datasheet
143Kb / 2P
   PILOT LIGHT
Mar 21, 2022
XB4BVCUST04 SCHNEIDER-XB4BVCUST04 Datasheet
139Kb / 1P
   PILOT LIGHT
ZA2BV04 SCHNEIDER-ZA2BV04 Datasheet
122Kb / 2P
   PILOT LIGHT
Mar 21, 2022
ZA2BV03 SCHNEIDER-ZA2BV03 Datasheet
149Kb / 2P
   PILOT LIGHT
Mar 21, 2022
ZA2BV06 SCHNEIDER-ZA2BV06 Datasheet
148Kb / 2P
   LENS PILOT LIGHT
Mar 21, 2022
logo
Hammond Manufacturing L...
1584PL HAMMOND-1584PL Datasheet
47Kb / 1P
   Replacement Pilot Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com