Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS301 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS301
Description  ULTRA HIGH SPEED SWITCHING APPLICATIONS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS301 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS301 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
ULTRA HIGH SPEED SWITCHING APPLICATIONS
1SS301
Features
Low forward voltage:VF(3) =0.90V(Typ)
Fast reverse recovery time:trr =1.6 ns (Typ)
Small total capacitance:CT =0.9 pF(Typ)
A bsolute M axim um R atings T a = 25
P aram eter
S ym bol
R ating
U nit
M axim um (peak) reverse voltage
V RM
85
V
R everse voltage
V R
80
V
M axim um (peak) forward current
IFM
300(*)
m A
A verage forward current
IO
100(*)
m A
S urge current (10 m s)
IFSM
2(*)
A
P ower dissipation
P
100
m W
Junction T em perature
T j
125
S torage T em perature
T stg
-55 to +125
(*) U nit rating.T otal rating = U nit rating
1.5
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VF(1)
IF = 1 mA
0.60
VF(2)
IF =10 mA
0.72
VF(3)
IF = 100 mA
0.90
1.2
IR(1)
VR =30V
0.1
IR(2)
VR =80V
0.5
Total capacitance
Ct
VR =0, f =1.0 MHz
0.9
3.0
pF
Reverse recovery time
trr
IF =10 mA
1.6
4.0
ns
V
Forward voltage
Reverse current
A
Marking
Marking
B3


Similar Part No. - 1SS301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS301 TOSHIBA-1SS301 Datasheet
127Kb / 2P
   DIODE (ULTRA HIGH SPEED SWITCHING APLICATIONS)
logo
List of Unclassifed Man...
1SS301 ETC1-1SS301 Datasheet
124Kb / 2P
   SUPER HIGH SPEED SWITCHING DIODE SPECIAL DESIGN FOR PROTECTING SOLAR BATTERY
logo
Toshiba Semiconductor
1SS301 TOSHIBA-1SS301 Datasheet
211Kb / 3P
   Ultra High Speed Switching Applications
1SS301 TOSHIBA-1SS301 Datasheet
195Kb / 3P
   Ultra High Speed Switching Applications
logo
SEMTECH ELECTRONICS LTD...
1SS301CCW SEMTECH_ELEC-1SS301CCW Datasheet
180Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1SS301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS361FV TOSHIBA-1SS361FV Datasheet
199Kb / 4P
   Ultra-High-Speed Switching Applications
1SS302 TOSHIBA-1SS302_07 Datasheet
215Kb / 3P
   Ultra High Speed Switching Applications
HN4D02JU TOSHIBA-HN4D02JU Datasheet
179Kb / 3P
   Ultra High Speed Switching Applications
HN4D02JU TOSHIBA-HN4D02JU_14 Datasheet
201Kb / 3P
   Ultra High Speed Switching Applications
1SS361F TOSHIBA-1SS361F Datasheet
242Kb / 4P
   Ultra High Speed Switching Applications
1SS427 TOSHIBA-1SS427 Datasheet
222Kb / 4P
   Ultra-High Speed Switching Applications
1SS302T5LFH TOSHIBA-1SS302T5LFH Datasheet
199Kb / 3P
   Ultra High Speed Switching Applications
1SS302TE85LF TOSHIBA-1SS302TE85LF Datasheet
199Kb / 3P
   Ultra High Speed Switching Applications
1SS423 TOSHIBA-1SS423 Datasheet
133Kb / 3P
   Ultra-High-Speed Switching Applications
logo
Guangdong Kexin Industr...
1SS308 KEXIN-1SS308 Datasheet
35Kb / 1P
   Ultra High Speed Switching Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com