Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N54 Datasheet(PDF) 2 Page - Opto Electronics Co,. LTD

Part # 4N54
Description  HERMETIC , NUMERIC AND HEXADECIMAL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

4N54 Datasheet(HTML) 2 Page - Opto Electronics Co,. LTD

  4N54 Datasheet HTML 1Page - Opto Electronics Co,. LTD 4N54 Datasheet HTML 2Page - Opto Electronics Co,. LTD 4N54 Datasheet HTML 3Page - Opto Electronics Co,. LTD 4N54 Datasheet HTML 4Page - Opto Electronics Co,. LTD 4N54 Datasheet HTML 5Page - Opto Electronics Co,. LTD 4N54 Datasheet HTML 6Page - Opto Electronics Co,. LTD 4N54 Datasheet HTML 7Page - Opto Electronics Co,. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
2 - 5
4N51, 4N52,
67023 4N53, 4N54
* HERMETIC, NUMERIC AND HEXIDECIMAL DISPLAYS
4N 52
4N 51
0.290 [7 .3 7]
0.190 [4 .8 3]
0.530 [1 3.46 ]
0 .0 7 3 [1 .8 4 ]
0.220 [5 .5 9]
0.120 [3 .0 4]
0.400 [1 0.16 ]
0.290 [7 .3 7]
0.530 [13.46 ]
0.190 [4 .83]
0.220 [5 .5 9]
0.073 [1 .8 4]
0.400 [1 0.16 ]
0.140 [3 .5 6]
4N53
4N54
0.150 [3.81]
SEATING PLANE
0.170
[4.32]
10°
1
2
3
4
8
7
6
5
0.400 [10.16]
X
Mii
YYWW
PIN 1 KEY
DATE CODE
XXX
0.600 [15.24]
LUMINOUS
INTENSITY
CATEGORY
REAR VIEW
SIDE VIEW
END VIEW
0.110
[2.79]
0.050
[1.27]
.012±.003
[0.3±0.08]
TYP
.020±.003
[0.5±0.08]
TYP
0.100±.005
[2.5±0.13]
TYP
0.136 [3.45]
0.060 [1.52]
0.530 [13.46]
0.290 [7.37]
0.400 [10.16]
0.190 [4.83]
0.073 [1.84]
0.400 [10.16]
0.072 [1.84]
0.290 [7.36]
0.190 [4.83]
0.530 [13.46]
0.190 [4.83]
0.083 [2.11]
0.150 [3.81]
SEATING PLANE
*JEDEC Registered Data


Similar Part No. - 4N54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
4N54 TI-4N54 Datasheet
265Kb / 5P
[Old version datasheet]   HERMETIC HEXADECIMAL DISPLAY WITH LOGIC
More results

Similar Description - 4N54

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Texas Instruments
4N54 TI-4N54 Datasheet
265Kb / 5P
[Old version datasheet]   HERMETIC HEXADECIMAL DISPLAY WITH LOGIC
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com