Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR-11CX632.5A Datasheet(PDF) 2 Page - Altech corporation

Part # TR-11CX632.5A
Description  UL1077 Recognized Supplementary Protector/ Circuit Breaker for Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

TR-11CX632.5A Datasheet(HTML) 2 Page - Altech corporation

  TR-11CX632.5A Datasheet HTML 1Page - Altech corporation TR-11CX632.5A Datasheet HTML 2Page - Altech corporation TR-11CX632.5A Datasheet HTML 3Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AltechCorp.®•35RoyalRoad•Flemington,NJ08822-6000•Phone(908)806-9400•FAX(908)806-9490•www.altechcorp.com
17
E209569
TR-11Characteristics
&MountingOptions
upto12Amps
Application Examples:
Protection of single phase Motors,
Transformers, UPS, Power strips, Solenoids
etc., against damage due to overcurrent
conditions.
Rated
Type/
Current
Cat.No.
0.5A
TR-11CX630.5A
0.9A
TR-11CX630.9A
1.0A
TR-11CX631A
1.2A
TR-11CX631.2A
1.5A
TR-11CX631.5A
1.8A
TR-11CX631.8A
2.0A
TR-11CX632A
2.2A
TR-11CX632.2A
2.5A
TR-11CX632.5A
2.7A
TR-11CX632.7A
3A
TR-11CX633A
3.3A
TR-11CX633.3A
4A
TR-11CX634A
5A
TR-11CX635A
6A
TR-11CX636A
6.5A
TR-11CY636.5A
7A
TR-11CY637A
8A
TR-11CY638A
9A
TR-11CY639A
10A
TR-11CY6310A
12A
TR-11CY6312A
15A
TR-11CY6315A
16A
TR-11CY6316A
Central
Mounting
StandardPack:10
Weight:
0.27kg(0.6lb.)
Rated
Type/
Current
Cat.No.
Wing
Clips*
StandardPack:10
Weight:
0.27kg(0.6lb.)
Rated
Type/
Current
Cat.No.
Snap
Fitting*
StandardPack:10
Weight:
0.27kg(0.6lb.)
Rated
Type/
Current
Cat.No.
Integral
Mounting*
*SPECIALORDERONLY.ContactAltechformoredetails.
PCBMountingandadditionalShuntTerminalavailable,pleasecontactAltech.
StandardPack:10
Weight:
0.27kg(0.6lb.)


Similar Part No. - TR-11CX632.5A

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
TR-1 RICHCO-TR-1 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Gamewell-FCI by Honeywe...
TR-1-R GAMEWELL-FCI-TR-1-R Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
TR-1-R GAMEWELL-FCI-TR-1-R Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
TR-1B GAMEWELL-FCI-TR-1B Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
More results

Similar Description - TR-11CX632.5A

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
2CU05R ALTECH-2CU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
   R-Series - UL1077 Supplementary Protector
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
   R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
1DU05R ALTECH-1DU05R Datasheet
131Kb / 2P
   R-Series - UL1077 Supplementary Protecto
logo
Schneider Electric
MG27338 SCHNEIDER-MG27338 Datasheet
52Kb / 1P
   SUPPLEMENTARY PROTECTOR 277V 40A 1P
logo
Schurter Inc.
AS168X SCHURTER-AS168X Datasheet
203Kb / 9P
   MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com