Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS-S60 Datasheet(PDF) 2 Page - Altech corporation

Part No. PS-S60
Description  60W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTECH [Altech corporation]
Homepage  http://www.altechcorp.com
Logo 

PS-S60 Datasheet(HTML) 2 Page - Altech corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PS-S60 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
60W Single Output Industrial DIN Rail Power Supply
-20
0
10
20
30
45
55
60
70 (VERTICAL)
20
40
50
60
80
100
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
age.
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
O.V.P.
O.C.P.
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
+
35
+V +V
40
-V -V
N
L
+V ADJ
5 5 5 5 5
7.5
7.5
100
12V,24V,48V
5V
All dimensions shown in millimeters.
To convert to inches multiply by 0.03937


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MDR-6060W Single Output Industrial DIN Rail Power Supply 1 2 Mean Well Enterprises Co., Ltd.
DR-6060W Single Output Industrial DIN Rail Power Supply 1 2 Astrodyne Corporation
DR-6060W Single Output Industrial DIN Rail Power Supply 1 2 Mean Well Enterprises Co., Ltd.
DRH-120120W Single Output Industrial DIN RAIL Power Supply 1 2 Mean Well Enterprises Co., Ltd.
DRP-240240W Single Output Industrial DIN RAIL Power Supply 1 2 Mean Well Enterprises Co., Ltd.
MDR-1010W Single Output Industrial DIN Rail Power Supply 1 2 Mean Well Enterprises Co., Ltd.
MDR-2020W Single Output Industrial DIN Rail Power Supply 1 2 Mean Well Enterprises Co., Ltd.
DR-3030W Single Output Industrial DIN Rail Power Supply 1 2 Astrodyne Corporation
DR-7575W Single Output Industrial DIN Rail Power Supply 1 2 Astrodyne Corporation
DR-120120W Single Output Industrial DIN RAIL Power Supply 1 2 Astrodyne Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn