Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTS6U Datasheet(PDF) 2 Page - Altech corporation

Part # CTS6U
Description  FEED-THROUGH 35 or 32mm DIN Rail
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CTS6U Datasheet(HTML) 2 Page - Altech corporation

  CTS6U Datasheet HTML 1Page - Altech corporation CTS6U Datasheet HTML 2Page - Altech corporation CTS6U Datasheet HTML 3Page - Altech corporation CTS6U Datasheet HTML 4Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CTS16U
12 mm
47 x 43 mm
16 mm
Polyamide 6.6
2 screw clamps & 1 tapped hole for cross connection
22-6 AWG
2.5-16 sq.mm
20-4 AWG
600 V
800 V
600 V
70 A
76 A
85 A
14 lb-in
1.2 Nm
14 lb-in
Cat. No.
Std. Pk.
CTS16U
50
SP6/10U
100
CA702
50
CA802
50
CA751/2
50
CA751/3
50
CA751/4
50
CA751/10
10
CA761/2
50
CA761/3
50
CA761/4
50
CA761/10
10
CA703/8
100
CA704/8
100
CA705/8
100
CA739/10
100
CA707/S/Q/5
100
MT12
100
CUS
CUS
CTS6U
CTS10U
CTS25U
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
13
8 mm
47 x 43 mm
12 mm
Polyamide 6.6
2 screw clamps & 1 tapped hole for cross connection
22-8 AWG
1.5-6 sq.mm
22-8 AWG
600 V
750 V
600 V
50 A
41 A
50 A
9 lb-in
0.8 Nm
14 lb-in
Cat. No.
Std. Pk.
CTS6U
100
EP6/10U
50
PP6/10U
50
SP6/10U
100
CA702
50
CA802
50
CA723/2
100
CA723/3
50
CA723/4
50
CA723/10
10
CA743/2
100
CA743/3
50
CA743/4
50
CA743/10
10
CA703/2
100
CA704/2
100
CA705/2
100
CA733/10
100
CA707/S/Q/1
100
CA710/2
100
CA710/3
100
CA710/4
100
CA710/10
25
MT8
100
SWL6
100
10 mm
47 x 43 mm
12 mm
Polyamide 6.6
2 screw clamps & 1 tapped hole for cross connection
22-6 AWG
1.5-10 sq.mm
16-6 AWG
600 V
750 V
600 V
65 A
57 A
65 A
14 lb-in
1.2 Nm
14 lb-in
Cat. No.
Std. Pk.
CTS10U
100
EP6/10U
50
PP6/10U
50
SP6/10U
100
CA702
50
CA802
50
CA724/2
100
CA724/3
50
CA724/4
50
CA724/10
10
CA744/2
100
CA744/3
50
CA744/4
50
CA744/10
10
CA703/3
100
CA704/3
100
CA705/3
100
CA734/10
100
CA707/S/Q/1
100
CA718/2
100
CA718/3
50
CA718/4
50
CA718/10
25
MT10
100
12 mm
56 x 49.5 mm
18 mm
Polyamide 6.6
2 screw clamps & 1 tapped hole for cross connection
12-2 AWG
6-25 sq.mm
14-2 AWG
600 V
750 V
600 V
115 A
101 A
115 A
25 lb-in
2.0 Nm
25 lb-in
Cat. No.
Std. Pk.
CTS25U
50
EP25U
50
PP25U
50
CA702
50
CA802
50
CA725/2
50
CA725/3
25
CA725/4
25
CA725/10
10
CA745/2
50
CA745/3
25
CA745/4
25
CA745/10
10
CA703/4
100
CA704/4
100
CA705/4
100
CA735/10
100
CA707/S/Q/2
100
MT12
100
CUS
CUS
AEx eII EEx eII
CUS
CUS
AEx eII EEx eII
AEx eII EEx eII
CUS
CUS
AEx eII EEx eII
E220514
E220514
E220514
E220514


Similar Part No. - CTS6U

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
Central Technologies
CTS6000-A CT-CTS6000-A Datasheet
222Kb / 2P
   Standard Flyback Regulators
CTS6000-AF CT-CTS6000-AF Datasheet
222Kb / 2P
   Standard Flyback Regulators
logo
Teledyne Technologies I...
CTS6001 TELEDYNE-CTS6001 Datasheet
67Kb / 3P
   InGaP/GaAs RFIC AMPLIFIER
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
   NPN SiGe RF Transistor
More results

Similar Description - CTS6U

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5706.2 ALTECH-5706.2 Datasheet
85Kb / 2P
   INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
logo
FIBOX Enclosing innovat...
9822003 FIBOX-9822003 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
02.08.2023
9822007 FIBOX-9822007 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
02.08.2023
9822006 FIBOX-9822006 Datasheet
46Kb / 1P
   DIN-35 Mounting rail, for enclosures
11.08.2023
9822019 FIBOX-9822019 Datasheet
36Kb / 1P
   DIN-35 Mounting rail, for enclosures
11.08.2023
9822020 FIBOX-9822020 Datasheet
47Kb / 1P
   DIN-35 Mounting rail, for enclosures
11.08.2023
5518030 FIBOX-5518030 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
14.08.2023
5514082 FIBOX-5514082 Datasheet
52Kb / 1P
   DIN-35 Mounting rail, for enclosures
17.01.2023
8524032 FIBOX-8524032 Datasheet
42Kb / 1P
   DIN-35 Mounting rail, for enclosures
17.01.2023
8524033 FIBOX-8524033 Datasheet
42Kb / 1P
   DIN-35 Mounting rail, for enclosures
17.01.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com