Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC-6389Z Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # SGC-6389Z
Description  50-4000 MHz Active Bias Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGC-6389Z Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  SGC-6389Z_1 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGC-6389Z_1 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGC-6389Z_1 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGC-6389Z_1 Datasheet HTML 4Page - SIRENZA MICRODEVICES SGC-6389Z_1 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Broomfield, CO 80021
4
EDS-104747 Rev B
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SGC-6389Z 0.05-4.0 GHz Cascadable MMIC Amplifier
Basic Application Circuit
Pin #
Function
Description
1
RF IN
RF input pin. This pin requires the use of an external DC
blocking capacitor chosen for the frequency of operation
2,4
GND
Connection to ground. Use via holes as close to the device
ground leads as possible to reduce ground inductance and
achieve optimum RF performance
3
RF OUT /
DCBIAS
RF output and bias pin. This pin requires the use of an
external DC blocking capacitor chosen for the frequency of
operation.
Part Identification Marking & Pinout
Application Circuit Element Values
Reference
Designator
100-1000MHz
1000-2200MHz
C1
1000pF
6.8pF
C2
100pF
6.8pF
C3
100pF
6.8pF
L1
100nH
39nH
1
2
3
1
RF IN
C1
1uF
Vs
RF OUT
4
SGC-6389Z
2
3
C2
C3
1000pF
L1
Part Number
Description
Reel Size
Devices /
Reel
SGC-6389Z
Lead Free, RoHs Compliant
13"
3000
SGC-6389Z-EVB1
100-1000 MHz Evaluation Board
N/A
N/A
SGC-6389Z-EVB2
1000-2200 MHz Evaluation Board
N/A
N/A
Part / Evaluation Board Ordering Information


Similar Part No. - SGC-6389Z_1

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-6389Z SIRENZA-SGC-6389Z Datasheet
310Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
RF Micro Devices
SGC-6389Z RFMD-SGC-6389Z Datasheet
599Kb / 6P
   ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results

Similar Description - SGC-6389Z_1

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4486Z SIRENZA-SGC-4486Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
logo
Qorvo, Inc
QPA2363C QORVO-QPA2363C Datasheet
593Kb / 7P
   50 MHz ??4000 MHz Active Bias Cascadable SiGe HBT
January 17, 2017
QPA4563C QORVO-QPA4563C Datasheet
467Kb / 7P
   50 MHz ??4000 MHz Active Bias Cascadable SiGe HBT
April 13, 2018
logo
SIRENZA MICRODEVICES
SGC-2386 SIRENZA-SGC-2386_1 Datasheet
257Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4463Z SIRENZA-SGC-4463Z_1 Datasheet
283Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-2363 SIRENZA-SGC-2363_1 Datasheet
282Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-2486 SIRENZA-SGC-2486_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4363 SIRENZA-SGC-4363_1 Datasheet
284Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
logo
Qorvo, Inc
QPA2463C QORVO-QPA2463C Datasheet
700Kb / 9P
   50 MHz ??4000 MHz Active Bias Cascadable SiGe HBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com