Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWD4810H-10 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # CWD4810H-10
Description  Panel Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CWD4810H-10 Datasheet(HTML) 2 Page - Crydom Inc.,

  CWD4810H-10 Datasheet HTML 1Page - Crydom Inc., CWD4810H-10 Datasheet HTML 2Page - Crydom Inc., CWD4810H-10 Datasheet HTML 3Page - Crydom Inc., CWD4810H-10 Datasheet HTML 4Page - Crydom Inc., CWD4810H-10 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
CWD
CWAxxxxE
CWA
Control Voltage Range
3-32 VDC
18-36 Vrms
90-280 Vrms
Minimum Turn-On Voltage
3 VDC
18 Vrms
90 Vrms
Minimum Turn-Off Voltage
1 .0 VDC
2 Vrms
10 Vrms
Nominal Input Impedance
See note 7
1.0 k Ohm
14.2 K Ohms (9)
Maximum Turn-On Time [msec] (4)(5)
1/2 Cycle
1/2 Cycle
1/2 Cycle
Maximum Turn-Off Time [msec] (5)
1/2 Cycle
1/2 Cycle
1/2 Cycle
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3.0 oz (86.5 g)
Encapsulation
Thermally conductive Epoxy
Terminals
Screw Type, Finger Proof Output: 8-32, Combo rive Input: 6-32, Combo Drive
Max. Torque
Output: 20 in lb (2.2Nm) Input: 10 in lb (1.1Nm)
Max. Wire Size
Output:2 x AWG 8 (3.8mm) Input: 2 x AWG 12 (2.5mm)
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) Heat sinking required, for derating curves see page 2.
4) Turn-on time for random turn-on version is 0.02 msec.
5) Turn-on and turn-off time for AC input models is 50 ms.
6) 10mA for models with snubber.
7) Input circuit incorporates active current limiter.
8) 48-530 VRMS for models with snubber.
9) 21.5K ohms for random turn-on version (-10 suffix).


Similar Part No. - CWD4810H-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CWD4810 CRYDOM-CWD4810 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CWD4810 CRYDOM-CWD4810 Datasheet
914Kb / 6P
   panel mount
CWD4810 CRYDOM-CWD4810_13 Datasheet
914Kb / 6P
   panel mount
More results

Similar Description - CWD4810H-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com