Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TN-1500 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part No. TN-1500
Description  1500W True Sine Wave DC-AC Inverter with Solar Charger
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

TN-1500 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
InverterSetting
InverterSetting
2.2SettingPage
2.3StatisticPage
Figure3
Figure4
1.Usercanadjustthesettingsbasedonthecharacteristicsofbatteriesbeenused:EqualizationVoltage,FloatingVoltage, AlarmVoltage,
andShut-downVoltage.UPSMode/EnergySavingModeselectionand ACoutputvoltageandfrequencycanalsobesetinthispage.
2.Read:Readcurrentsettingsoftheunit.
3.Write:Writetherevisedsettingintotheunit.
4.Load:Loadinfactorydefaultsettings.
1.StartDate:Datethatinstallingthemonitoringsoftware.
2.ResetDate:Datethatresettingthestatistics. TheStartDatewillnotbeinfluencedbyresettingthestatisticsorturningofftheunit.
3.Invertertimerate:Operatingperiodof"InverterMode"representshowmanypercentofthewholeoperatingperiod.
4.Bypasstimerate:Operatingperiodof"BypassMode"(energyprovidesdirectlybytheutility)representshowmanypercentofthewhole
operatingperiod.
5.Shutdownrate:Percentageoftimeperiodthattheunitisundertheconditionofshutdown.
6.Solartimerate:Percentageoftimeperiodthatthesolarchargerisfunctioningafterturningonthe TN-1500unit.
7.Loadingaverage: Averageloadingafterturningonthe TN-1500unit.
*Invertertimerate+Bypasstimerate+Shutdownrate=100%
1
FileName
Modelname
Manufacture
SeriesNumber
DateOfManu.
Revision
I/O Type
BaudsRate
EqualizationVolt.
FloatingVolt.
AlarmVolt.
ShutdownVolt.
Voltage
Frequency
Stand-bysavingmode
UPSmode
Energysavingmode
D:\TN_110RR\20071205\REV\TN_110RR\TNF\TN_1K5_512.TNF
StartDate
StartDate
2007/12/0703:13:33PM
2007/12/2101:40:56PM
Invertertimerate
Invertertimerate
Bypasstimerate
Bypasstimerate
ShutDownrate
ShutDownrate
Solartimerate
Solartimerate
Loadingaverage
Loadingaverage
91.2
31.9
0.0
0.0
8.8
68.1
0.0
0.0
24.7
63.7
%
%
%
%
%
%
%
%
%
%
TN-1500-212
MeanWell
LOC-1234567890
REV:1.10
212
9600
14.3
13.3
11.3
10.5
V
13.5~15.0V
13.0~13.5V
11.0~11.5V
10.0~11.0V
V
V
V
230
V
50
1
Read
Write
Lead
Exit
ReadOK!!
Hz
On
On
On
CommPorts
2
3
4
Off
06/23/2007
1500W TrueSineWaveDC-ACInverterwithSolarCharger
T N - 1 5 0 0 series
FileName:TN-1500-SPEC2008-07-29
Exit
RESET


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A-301-1K71500W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A301-100100W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-1K01000W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-2K52500W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-150150W Modified Sine Wave DC-AC Power Inverter 1 2 3 4 Mean Well Enterprises Co., Ltd.
A-301-300300W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-600600W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
PN200501500VA001500VA Pure Sine Wave Inverter 1 2 3 4 5 List of Unclassifed Manufacturers
AXIOM75OCXO with Sine Wave Output Low Phase Noise 1 2 Advanced XTAL Products
ISL59830ATrue Single Supply Video Driver With Power Down 1 2 3 4 5 MoreIntersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn