Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-50C Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # T-50C
Description  50W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

T-50C Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  T-50C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. T-50C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
StaticCharacteristics(B)
FileName:T-50-SPEC2005-09-06
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
+12V
+5V
60
120
85
170
95
190
90
180
110
220
115
230
105
210
100
200
120
240
130
260
125
250
13
7
9
8
12
11
10
300
250
200
100
150
50
25
4.8
5.0
5.2
4.4
4.6
4.2
4.0
-12V
-12V
+12V
+5V
Ta=25
OutputDerating
-10
-10
0
0
20
10
35
25
45
20
40
80
60
100
65
55
55
(HORIZONTAL)
(VERTICAL)
4.5
3.5
152.5
4.5
150
6.5
78
2-M
3
24
159
22
117
1
2
3
4
5
6
7
8
PinNo.
MODEL
4
-5V
-12V
-15V
+24V
T-50A
T-50B
T-50C
T-50D
3-M
3
CaseNo.901Unit:mm
TerminalPin.No Assignment
PinNo.
PinNo.
PinNo.
1
2
4
3
5,7
6
8
Assignment
Assignment
Assignment
DCOUTPUT
DCOUTPUT COM
DCOUTPUT +V2
DCOUTPUT +V1
FG
AC/L
AC/N
50W TripleOutputSwitchingPowerSupply
T- 5 0 series


Similar Part No. - T-50C

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-50100 RHOMBUS-IND-T-50100 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
logo
List of Unclassifed Man...
T-50101 ETC-T-50101 Datasheet
23Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
logo
Rhombus Industries Inc.
T-50101 RHOMBUS-IND-T-50101 Datasheet
27Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50101 RHOMBUS-IND-T-50101 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
T-50102 RHOMBUS-IND-T-50102 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
More results

Similar Description - T-50C

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NET-50 TOTAL-POWER-NET-50 Datasheet
434Kb / 2P
   50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-50 MEANWELL-RT-50_10 Datasheet
415Kb / 2P
   50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_10 Datasheet
428Kb / 2P
   50W Triple Output Switching Power Supply
RT-50 MEANWELL-RT-50_11 Datasheet
416Kb / 2P
   50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
   50W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-50 TOTAL-POWER-RT-50 Datasheet
493Kb / 2P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
NET-50 MEANWELL-NET-50 Datasheet
425Kb / 2P
   50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT50 ASTRODYNE-RT50 Datasheet
300Kb / 4P
   50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-50 MEANWELL-RT-50 Datasheet
406Kb / 2P
   50W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com