Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB03 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPB03
Description  3W DC-DC Regulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPB03 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPB03 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2:1 wide input range
1000VDC I/O isolation
Built-in remote ON/OFF control
Built-in EMI filter
Protections: Short circuit / Overload
Cooling by free air convection
Single in line package
100% full load burn-in test
Low cost / High reliability
Modified models available: output 3.3V/9V
2 years warranty
SPECIFICATION
FileName:SPB03-SPEC2008-09-26
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCURRENT
INPUT
(Note.5)
ENVIRONMENT
SAFETY
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
REMOTECONTROL
DIMENSION
OTHERS
NOTE
WEIGHT
FILTER
PROTECTION
VOLTAGE ACCURACY
E:4.5~9VDC
A:9~18VDCB:18~36VDCC:36~72VDC
100KHzmin.
2.0%
0.5%
0.5%
50mVp-p
3W
60mVp-p
60mVp-p
60~600mA
5V
12V
25~250mA
15V
20~200mA
SPB03E-05 SPB03A-05 SPB03B-05 SPB03C-05 SPB03E-12 SPB03A-12 SPB03B-12 SPB03C-12 SPB03E-15 SPB03A-15 SPB03B-15 SPB03C-15
E:810mA
A:340mA B:165mA
C:85mA
E:110mA
A:40mA
I/P-O/P:1KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
80pFmax.
600Khrsmin.MIL-HDBK-217F(25
)
PowerON:R.C.~+Vin<1VDCoropen;PowerOFF:R.C.~+Vin>4VDCorshort
-40~+85
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-25~+105
,10~95%RH
0.05%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
21.8*
*
mmor0.86"*
"*
"inch
9.2 11.1
0.36 0.44
(L*W*H)
4.8g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
74%
73%
77%
78%
76%
80%
80%
79%
75%
80%
80%
82%
Fullload
Noload
Pinetwork
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
Features :
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
OVERLOAD
SHORTCIRCUIT
150~250% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithshortcircuit
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
100
Ta(
)
-40
0
25
50
85
70
50
100
P i nN o .
O u t p u t
1
2
3
5
6
7
8
- V i n
+ V i n
R . C .
N . C .
+ Vo u t
- Vo u t
N . C .
3WDC-DCRegulatedSingleOutputConverter
S P B 0 3 series
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8lightindustrylevel,criteria A
PROTECTION
Fuserecommended
FRONT VIEW
21.8(0.86)
1 2 3
5 6 7 8
2.54(0.1)
5.08
(0.2)
17.78(0.7)
3.81 0.5(0.15)
0.5
(0.02)
0.5 0.05(0.02)
BOTTOMVIEW
2.01(0.08)
3.2(0.13)
B:20mA
C:10mA


Similar Part No. - SPB03

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPB03 MEANWELL-SPB03 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03A-05 MEANWELL-SPB03A-05 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03A-12 MEANWELL-SPB03A-12 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03A-15 MEANWELL-SPB03A-15 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03B-05 MEANWELL-SPB03B-05 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
More results

Similar Description - SPB03

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03_11 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
SCW03 MEANWELL-SCW03_11 Datasheet
218Kb / 1P
   3W DC-DC Regulated Single Output Converter
DCW03 MEANWELL-DCW03 Datasheet
210Kb / 1P
   3W DC-DC Regulated Dual Output Converter
DCW03 MEANWELL-DCW03_11 Datasheet
211Kb / 1P
   3W DC-DC Regulated Dual Output Converter
logo
GAPTEC Electronic GmbH ...
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
WRB0503T-2W MORNSUN-WRB0503T-2W Datasheet
165Kb / 2P
   3W SINGLE OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T16WE GAPTEC-3T16WE Datasheet
985Kb / 3P
   3W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com