Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC241R Datasheet(PDF) 1 Page - Crydom Inc.,

Part # LC241R
Description  PCB Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

LC241R Datasheet(HTML) 1 Page - Crydom Inc.,

  LC241R Datasheet HTML 1Page - Crydom Inc., LC241R Datasheet HTML 2Page - Crydom Inc., LC241R Datasheet HTML 3Page - Crydom Inc., LC241R Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LC Series
• Mini-SIP SSR
• Ratings to 2A @ 280 VAC
• Triac output
• DC control
• Zero-crossing (resistive loads) or random-fire (inductive loads) output
• Plastic encapsulated
PRODUCT SELECTION
Control Voltage
1.5A
2A
4-10 VDC
LC241
LC242
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms]
12-280
12-280
Transient Overvoltage [Vpk]
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
0.1
0.1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (3)
500
500
Maximum Load Current [Arms]
1.5
2.0
Minimum Load Current [Arms]
0.025
0.025
Maximum Surge Current (16.6ms) [Apk]
80
100
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.5
1.5
Minimum Power Factor (with Maximum Load)
0.5
0.5
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range
4-10 VDC
Must Turn On Voltage
4.0 VDC
Must Turn Off Voltage
1.0 VDC
Typycal Input Current @ 5 VDC
15 mAdc
Nominal Input Impedance
300 Ohm
Maximum Turn-On Time [msec] (4)
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
For Contact information visit our web
site.
www.crydom.com
©2008 Crydom, Inc.
Specifications subject to change without notice.


Similar Part No. - LC241R

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
LC241R CRYDOM-LC241R Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - LC241R

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com