Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXE240D5-B Datasheet(PDF) 2 Page - Crydom Inc.,

Part # CXE240D5-B
Description  PCB Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CXE240D5-B Datasheet(HTML) 2 Page - Crydom Inc.,

  CXE240D5-B Datasheet HTML 1Page - Crydom Inc., CXE240D5-B Datasheet HTML 2Page - Crydom Inc., CXE240D5-B Datasheet HTML 3Page - Crydom Inc., CXE240D5-B Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INPUT SPECIFICATIONS (1)
Description
CX240Dx
CX380Dx
CXExxxDx
CX240A5
CXE240A5
Nominal Voltage
5 VDC
5 VDC
24 VDC
120 VAC
24 VAC
Control Voltage Range
3-15 VDC
4-15 VDC
15-32 VDC
90-140 VAC
18-36 VAC
Minimum Turn-On Voltage
3.0 VDC
4.0 VDC
15.0 VDC
90.0 Vrms
18.0 Vrms
Drop Out Voltage
1.0 VDC
1.0 VDC
1.0 VDC
10.0 Vrms
2.0 Vrms
Typical Input Current
15 mAdc
15 mAdc
15 mAdc
10 mArms
10 mArms
Nominal Input Impedance
300 Ohm
240 Ohm
1500 Ohm
14.1 Ohm
2.1 Ohm
Maximum Turn-On Time [msec] (3)
1/2 Cycle
1/2 Cycle
1/2 Cycle
10
10
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle
1/2 Cycle
40
40
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
10
9 Ohm
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-30 to 80 °C
Ambient Storage Temperature Range
-30 to 125 °C
Weight (typical)
0.4 oz. (11g)
Encapsulation
Therminally Conductive Epoxy
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) Turn-On time for random turn-on versions is 0.1 msec (DC Control Models).
MECHANICAL SPECIFICATIONS
DC C ONTR OL.
PIN 1: AC LOAD
PIN 2: AC LOAD
PIN 3: +DC CONTROL
PIN 4: -D C CONTROL
AC CONTROL.
PIN 1: AC LOAD
PIN 2: AC LOAD
PIN 3: AC C ONTR OL
PIN 4: AC C ONTR OL
AGENCY APPROVALS
UL E116949
CSA LR81689
VD E 70938 UG(240 V, 380V, DC Control Only)
VG
(240 V, 380 V, DC Control Only)
Rev. 06132008
For Contact information visit our web
site.
www.crydom.com
©2008 Crydom, Inc.
Specifications subject to change without notice.


Similar Part No. - CXE240D5-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXE240D5 ETC1-CXE240D5 Datasheet
33Kb / 2P
   5Amp 120/240, 380, 480 Vac AC Output SIP
logo
Crydom Inc.,
CXE240D5 CRYDOM-CXE240D5 Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
CXE240D5 CRYDOM-CXE240D5 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CXE240D5 CRYDOM-CXE240D5 Datasheet
744Kb / 5P
   PCB Mount
CXE240D5 CRYDOM-CXE240D5 Datasheet
593Kb / 5P
   PCB Mount
More results

Similar Description - CXE240D5-B

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com