Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR-240-48 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SDR-240-48
Description  240W Single Output Industrial DIN RAIL with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SDR-240-48 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SDR-240-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SDR-240-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SDR-240-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FileName:SDR-240-SPEC2008-12-17
SDR-240 series
240WSingleOutputIndustrialDINRAIL withPFCFunction
INPUTVOLTAGE(V)60Hz
AMBIENTTEMPERATURE(
)
-25
0
Continuous
For3sec.(typ.)
10
20
30
40
50
60
70
60
75
100
112.5
150
100
40
88
110
50
60
70
80
155
135
230
264
90
100
(VERTICAL)
OutputderatingVSinputvoltage
DeratingCurve
PeakLoading
360W
360W
(1)
(2)
240W
120W
100sec.
10sec.
3sec.
3sec.


Similar Part No. - SDR-240-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SDR-240-48 MEANWELL-SDR-240-48 Datasheet
463Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240-48 MEANWELL-SDR-240-48 Datasheet
461Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-240-48 TOTAL-POWER-SDR-240-48 Datasheet
493Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Toppower Electronic Tec...
SDR-240-48S TOPPOWER-SDR-240-48S Datasheet
964Kb / 6P
   240W AC-DC DIN RAIL Power Supply
More results

Similar Description - SDR-240-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SDR-240 MEANWELL-SDR-240_10 Datasheet
463Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240 MEANWELL-SDR-240_11 Datasheet
461Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-240 TOTAL-POWER-SDR-240 Datasheet
493Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Altech corporation
PS-C240 ALTECH-PS-C240 Datasheet
773Kb / 2P
   240W Single Output Industrial DIN Rail Power Supply with PFC Function
logo
Total Power Internation...
SDR-960 TOTAL-POWER-SDR-960 Datasheet
201Kb / 3P
   960W Single Output Industrial DIN RAIL with PFC Function
DRP-480 TOTAL-POWER-DRP-480 Datasheet
227Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 TOTAL-POWER-SDR-480 Datasheet
323Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
DRP-480 MEANWELL-DRP-480_11 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 MEANWELL-SDR-480_10 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 MEANWELL-SDR-480_11 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com