Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-500 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SD-500
Description  500W Single Output DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-500 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SD-500 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-500 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-500 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SD-500 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.RemoteON/OFF
(1)RemoteON/OFFcontrolbecomesavailablebyapplyingvoltageinCN3
(2)Table1.1showsthespecificationofRemoteON/OFFfunction
(3)Fig.1.2showstheexampletoconnectRemoteON/OFFcontrolfunction
Table1.1SpecificationofRemoteON/OFF
Fig.1.2ExamplesofconnectingremoteON/OFF
ConnectionMethod
Outputon
SWOpen
Fig.1.2(A)
Outputoff
SWClose
1K
RCG
RC
SW
5V
1K
RC
V
RCG
(A)Usingexternalvoltagesource
(B)Usingexternalvoltagesource
2.OutputOKsignal
"OutputOK"isanopencollectorsignal.
ItindicatestheoutputstatusofthePSU.Itcanoperate
intwoways:Oneissinkingcurrentfromexternalsignal ;
theotherissendingoutavoltagesignal.
Themaximumsinkcurrentis10mA andthemaximum
externalvoltageis13V.
2-1Sinkcurrent:
2-2Voltagesignal:
BetweenO/P OK(pin3)andGND(pin4)
0~0.5V
12~13V
OutputStatus
ON
OFF
V=0~0.8Vdc
V=4~10Vdc
Fig.1.2(B)
FunctionDescriptionofCN3
FunctionManual
PinNo. Function Description
1
3
5
6
4
2
+S
O/P OK
RC
RCG
GND
-S
Opencollectorsignal,referencetopin4(GND).LowwhenPSUturnson. Themaximumsinkcurrentis10mA andthemaximum
externalvoltageis13V.
RemoteON/OFF
RemoteON/OFFground
Thesepinsconnecttothenegativeterminal(-V).
Negativesensing. The-Ssignalshouldbeconnectedtothenegativeterminaloftheload. The-Sand+Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
Positivesensing. The+Ssignalshouldbeconnectedtothepositiveterminaloftheload. The+Sand-Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
500WSingleOutputDC-DCConverter
S D - 5 0 0 series
FileName:SD-500-SPEC2008-04-28
+S
1
-S
2
O/P OK
RC
GND
RCG
CN3
5
6
+V ADJ.
+Vo +Vo -Vo -Vo
TB1
CN3
15
26


Similar Part No. - SD-500

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
246Kb / 4P
   500W Single Output DC-DC Converter
logo
Molex Electronics Ltd.
SD-500024-018 MOLEX11-SD-500024-018 Datasheet
373Kb / 6P
   0.40mm (.016") Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row
SD-500024-019 MOLEX11-SD-500024-019 Datasheet
373Kb / 6P
   0.40mm (.016") Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row
SD-500075-007 MOLEX-SD-500075-007 Datasheet
96Kb / 1P
   MINI-B STRAIGHT TYPE 2 REC. ASSY -LEAD FREE-
2004.03.30
SD-500075-008 MOLEX11-SD-500075-008 Datasheet
129Kb / 3P
   USB On-The-Go (OTG) Mini-B Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs, Lead-free
More results

Similar Description - SD-500

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
SD500 ASTRODYNE-SD500_16 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500_10 Datasheet
246Kb / 4P
   500W Single Output DC-DC Converter
logo
GAPTEC Electronic GmbH ...
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com