Electronic Components Datasheet Search |
|
CMRD2435 Datasheet(PDF) 2 Page - Crydom Inc., |
|
CMRD2435 Datasheet(HTML) 2 Page - Crydom Inc., |
2 / 5 page INPUT SPECIFICATIONS (1) Description Control Voltage Range (DC or RMS) 3-32 VDC 90-140 Vrms Maximum Turn-On Voltage 4.0 VDC 90 Vrms Minimum Turn-Off Voltage 1.0 VDC 10 Vrms Maximum Reverse Voltage 32 VDC - Maximum Off-State Voltage 1.0 VDC 10 VAC Maximum Input Current 30 mA (4) - Typical Input Current (4) 17 mA @ 5 Vdc 15 mA @ 120 Vrms Maximum Turn-On Time [msec] (3) 1/2 Cycle 10 Maximum Turn-Off Time [msec] 1/2 Cycle 40 GENERAL SPECIFICATIONS Description Parameters Dielectric Strength, Input/Output/Base (50/60Hz) 4000 Vrms Minimum Insulation Resistance (@ 500 V DC) 10 9 Ohms Maximum Capacitance, Input/Output 8 pF Ambient Operating Temperature Range -40 to 80˚C Ambient Storage Temperature Range -40 to 125˚C Status Indicator Display Green LED Weight (typical) 16.8 oz. (476g) Encapsulation Themally Conductive Epoxy Terminals Cage Type Maximum Wire Size: Output: AWG 8 (3.8mm) Input: AWG12(2.5mm) Recommended Terminal Screw Torque Range: Output:10-15 in lb (1.1-1.7 Nm) Input: 5-6in lb (0.6-0.7 Nm) |
Similar Part No. - CMRD2435 |
|
Similar Description - CMRD2435 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |