Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4IAC Datasheet(PDF) 2 Page - Crydom Inc.,

Part # C4IAC
Description  I/O Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

C4IAC Datasheet(HTML) 2 Page - Crydom Inc.,

  C4IAC Datasheet HTML 1Page - Crydom Inc., C4IAC Datasheet HTML 2Page - Crydom Inc., C4IAC Datasheet HTML 3Page - Crydom Inc., C4IAC Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GENERAL SPECIFICATIONS
Description
Input/Output Isolation Voltage (14)
4000
Input/Output Capacitance
8
Operating Temperature Range
-30 to 80°C
Storage Temperature Range
-40 to 100°C
Weight
1.1 oz. (31.2g)
MECHANICAL SPECIFICATIONS
AGENCY APPROVALS


Similar Part No. - C4IAC

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
C4IAC CRYDOM-C4IAC Datasheet
539Kb / 4P
   I/O Modules
logo
Sensata Technologies, I...
C4IAC SENSATA-C4IAC Datasheet
349Kb / 3P
   I/O MODULES
logo
Crydom Inc.,
C4IACA CRYDOM-C4IACA Datasheet
539Kb / 4P
   I/O Modules
logo
Sensata Technologies, I...
C4IACA SENSATA-C4IACA Datasheet
349Kb / 3P
   I/O MODULES
logo
Crydom Inc.,
C4IAC CRYDOM-C4IAC_11 Datasheet
539Kb / 4P
   I/O Modules
More results

Similar Description - C4IAC

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
PB-8SM CRYDOM-PB-8SM Datasheet
1Mb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com