Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-25A-5 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SD-25A-5
Description  25W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-25A-5 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-25A-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-25A-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SD-25A-5
SD-25B-5
SD-25C-5
SD-25B-12
SD-25C-12
SD-25B-24
SD-25C-24
SD-25A-12
SD-25A-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT
5V
12V
24V
5A
2.1A
1.1A
0~5A
0~2.1A
0~1.1A
25W
25.2W
26.4W
100mVp-p
120mVp-p
150mVp-p
2.0%
1.0%
1.0%
4.5~5.5VDC
11~16VDC
23~30VDC
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
2.5s,50ms,------atfullload
A:9.2~18VDCB:19~36VDCC:36~72VDC
71%
3.2A/12V
72%
74%
72%
1.6A/24V
75%
78%
75%
78%
81%
0.8A/48V
105~150% ratedoutputpower
5.75~6.75V/10%load
16.8~20V/10%load
31.5~37.5V/10%load
Protectiontype:Foldbackcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ClassB
DesignrefertoLVD
Complianceto
ENV50204,EN55024,
EN61000-4-2,3,4,6,8;
heavyindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
374.3Khrsmin.(SD-25A)365.9Khrsmin.(SD-25B)377.5KHrsmin.(SD-25C)MIL-HDBK-217F(25
)
99*97*36mm(L*W*H)
0.38Kg;45pcs/17.8Kg/0.9CUFT
FileName:SD-25-SPEC2004-06-30
SAFETY STANDARDS
25WSingleOutputDC-DCConverter
S D - 2 5 series
2:1 wide input range
Protections:Short circuit/Over load/Over voltage
1500VDC I/O isolation
Built-in EMI filter, low ripple noise
100% full load burn-in test
Fixed switching frequency at 83KHz
Low cost
High reliability
1 year warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
ENVIRONMENT
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
SAFETY &
EMC
(Note4)
1. All parameters NOT specially mentioned are measured at 12,24,48VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.


Similar Part No. - SD-25A-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-25A-5 MEANWELL-SD-25A-5 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
SD-25A-5 MEANWELL-SD-25A-5 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
More results

Similar Description - SD-25A-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2 Datasheet
334Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25-03S2 CHINFA-TDD25-03S2_10 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25 CHINFA-TDD25_14 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com