Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCP-2K4-15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SCP-2K4-15
Description  2400W Parallel (N1) With PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCP-2K4-15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SCP-2K4-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCP-2K4-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCP-2K4-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCP-2K4-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mechanical Specification
Derating Curve
File Name:SCP-2K4-SPEC 2007-03-01
Unit:mm
INPUT VOLTAGE (VAC) 60Hz
90
110
150
170
260
2400
2000
1200
900
Ta=25
6-M6 SCREW
FOR DC OUTPUT
HOLE FOR USER
4-M4X0.7 MOUNTING
1
1
2
2
3
3
4
4
5
5
678
NEG(-)
POS(+)
8-M3X0.5 Terminal Block
For Control Signal
For AC Input
5-M4X0.7 Terminal block
V-ADJ
332 [13.07]
6 [0.24] TYP
320 [12.60]
30 [1.18]
290 [11.42]
24 [0.94]
Control Terminal Pin. No. Assignment :
Pin No.
Pin No.
5
1
6
2
7
8
3
4
Assignment
Assignment
PG
VS+
PAR
VS-
GND
INH
VCI
VCO
AC Input Terminal Pin. No. Assignment
PinNo.
PinNo.
14
3
25
Assignment
Assignment
T
N
FG
R
S
AMBIENT TEMPERATURE ( )
10
-20
-10
20
30
40
50
60
70
20
40
60
80
100
LED
Air flow
direction
SCP-2K4 series
2400W Parallel (N+1) With PFC Function


Similar Part No. - SCP-2K4-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCP-2K4-15 ASTRODYNE-SCP-2K4-15 Datasheet
1Mb / 3P
   2400W Parallel Type With PFC Function
logo
RSG Electronic Componen...
SCP-2K4-15 RSG-SCP-2K4-15 Datasheet
418Kb / 4P
   2400W Parallel Type With PFC Function
More results

Similar Description - SCP-2K4-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCP-2K4 ASTRODYNE-SCP-2K4 Datasheet
1Mb / 3P
   2400W Parallel Type With PFC Function
logo
RSG Electronic Componen...
SCP-2K4 RSG-SCP-2K4 Datasheet
418Kb / 4P
   2400W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-800 MEANWELL-SCP-800 Datasheet
339Kb / 3P
   800W Parallel (N1) With PFC Function
SCP-1K2 MEANWELL-SCP-1K2 Datasheet
379Kb / 3P
   900~1200W Parallel (N1) With PFC Function
SCP-600 MEANWELL-SCP-600 Datasheet
333Kb / 3P
   500~600W Parallel (N1) With PFC Function
logo
Astrodyne Corporation
PSP-500 ASTRODYNE-PSP-500 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
Total Power Internation...
PSP-500 TOTAL-POWER-PSP-500 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
RSG Electronic Componen...
PSP-500 RSG-PSP-500 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
PSP-600 MEANWELL-PSP-600_11 Datasheet
396Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-600 ASTRODYNE-PSP-600 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com