Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN0104 Datasheet(PDF) 1 Page - Supertex, Inc

Part # VN0104
Description  N-Channel Enhancement-Mode Vertical DMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN0104 Datasheet(HTML) 1 Page - Supertex, Inc

  VN0104 Datasheet HTML 1Page - Supertex, Inc VN0104 Datasheet HTML 2Page - Supertex, Inc VN0104 Datasheet HTML 3Page - Supertex, Inc VN0104 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
VN0104
VN0106
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a
vertical DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces devices with
the power handling capabilities of bipolar transistors and with the
high input impedance and positive temperature coefficient inher-
ent in MOS devices. Characteristic of all MOS structures, these
devices are free from thermal runaway and thermally-induced
secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where high breakdown
voltage, high input impedance, low input capacitance, and fast
switching speeds are desired.
Package Option
See Package Outline section for dimensions.
N-Channel Enhancement-Mode
Vertical DMOS FET
Applications
❏ Motor controls
❏ Converters
❏ Amplifiers
❏ Switches
❏ Power supply circuits
❏ Drivers (relays, hammers, solenoids, lamps,
memories, displays, bipolar transistors, etc.)
Features
❏ Free from secondary breakdown
❏ Low power drive requirement
❏ Ease of paralleling
❏ Low C
ISS and fast switching speeds
❏ Excellent thermal stability
❏ Integral Source-Drain diode
❏ High input impedance and high gain
❏ Complementary N- and P-channel devices
TO-92
S G D
Order Number / Package
BV
DSS /RDS(ON)
I
D(ON)
BV
DGS
(max)
(min)
TO-92
40V
3.0Ω
2.0A
VN0104N3
60V
3.0Ω
2.0A
VN0106N3
Ordering Information
Absolute Maximum Ratings
Drain-to-Source Voltage
BV
DSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.


Similar Part No. - VN0104

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
647Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
   N-Channel Enhancement-Mode
VN0104N3 NJSEMI-VN0104N3 Datasheet
68Kb / 1P
   N-Channel Enhancement-Mode
logo
Supertex, Inc
VN0104N3-G SUTEX-VN0104N3-G Datasheet
647Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
New Jersey Semi-Conduct...
VN0104N5 NJSEMI-VN0104N5 Datasheet
68Kb / 1P
   N-Channel Enhancement-Mode
More results

Similar Description - VN0104

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com