Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-1000-24 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-1000-24
Description  1000W Single Output Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-1000-24 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  RSP-1000-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-1000-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-1000-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-1000-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSP-1000-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSP-1000-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1000WSingleOutputPowerSupply
R S P - 1 0 0 0 series
Theremotesensingcompensatesvoltagedroponthe
loadwiringupto0.5V.
Fig4.1
-V
+V
TB1
CN50
SVR51
-
+
LOAD
-S
(pin2)
Senselinesshould
betwistedinpairs
+S
(pin1)
4.RemoteSense
Fig3.1
CN50
111
212
111
212
-V
+V
TB1
SVR51
3.DC_OKsignal
"DC_OK"isanopencollectorsignal.
ItindicatestheoutputstatusofthePSU.Itcanoperate
intwoways:Oneissinkingcurrentfromexternal TTL
signal;theotherissendingouta TTL voltagesignal.
Themaximumsinkcurrentis10mA andthemaximum
externalvoltageis5.6V.
3-1Sinkcurrent:
3-2TTL voltagesignal:
BetweenDC-OK(pin5)andGND(pin11&12)
BetweenON/OFF(pin6)and-S(pin2)
0~1V
SWON(Short)
3.3~5.6V
SWOFF(Open)
OutputStatus
OutputStatus
ON
ON
OFF
OFF
2.RemoteON/OFF
TB1
Fig2.1
LOAD
-
+
SVR51 CN50
111
212
SW
-V
+V
ThePSUcanbeturnedON/OFFbyusingthe"Remote
ON/OFF"function
+S
+S
+S
1
1
1
-S
-S
-S
2
2
2
AUXG
AUXG
AUXG
AUX
AUX
AUX
DC_OK
DC_OK
DC_OK
ON/OFF
ON/OFF
ON/OFF
CS
CS
CS
CN50
CN50
CN50
Vco
Vco
Vco
Vci
Vci
Vci
Vca
Vca
Vca
GND
GND
GND
11
11
11
GND
GND
GND
12
12
12
FileName:RSP-1000-SPEC 2008-01-22


Similar Part No. - RSP-1000-24

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RSP-1000-24 RSG-RSP-1000-24 Datasheet
185Kb / 6P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000-24 MEANWELL-RSP-1000-24 Datasheet
296Kb / 6P
   1000W Single Output Power Supply
RSP-1000-24 MEANWELL-RSP-1000-24 Datasheet
311Kb / 6P
   1000W Single Output Power Supply
logo
Total Power Internation...
RSP-1000-24 TOTAL-POWER-RSP-1000-24 Datasheet
159Kb / 6P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000-24 MEANWELL-RSP-1000-24 Datasheet
819Kb / 8P
   1000W Power Supply with Single Output
2022-08-08
More results

Similar Description - RSP-1000-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-1000 MEANWELL-RSP-1000_11 Datasheet
296Kb / 6P
   1000W Single Output Power Supply
SE-1000 MEANWELL-SE-1000 Datasheet
952Kb / 3P
   1000W Single Output Power Supply
SE-1000 MEANWELL-SE-1000_11 Datasheet
239Kb / 3P
   1000W Single Output Power Supply
RSP-1000_1112 MEANWELL-RSP-1000_1112 Datasheet
311Kb / 6P
   1000W Single Output Power Supply
logo
Total Power Internation...
RSP-1000 TOTAL-POWER-RSP-1000 Datasheet
159Kb / 6P
   1000W Single Output Power Supply
logo
Astrodyne Corporation
RSP1000 ASTRODYNE-RSP1000 Datasheet
1Mb / 7P
   1000W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1000 RSG-RSP-1000 Datasheet
185Kb / 6P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000 MEANWELL-RSP-1000_V01 Datasheet
819Kb / 8P
   1000W Power Supply with Single Output
2022-08-08
QP-1000 MEANWELL-QP-1000_09 Datasheet
130Kb / 4P
   1000W Quad Output Power Supply
logo
ETA-USA
FHHSX-U1 ETA-USA-FHHSX-U1 Datasheet
1Mb / 5P
   1000W Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com