Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RSP-1000 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part No. RSP-1000
Description  1000W Single Output Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

RSP-1000 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(1)Usingexternalvoltagesourcebetween
"Vci"(pin9)and"-S"(pin2)thatisshowninFig5.1
OutputvoltageofRSP-1000canbetrimmedbetween
40%~110%ofitsratedvaluebythefollowingmethods:
(2)ConnectingaresistorexternallythatinshowninFig5.2&Fig5.3
(A)O/P voltagegoesdown
(B)O/P voltagegoesup
EXTERNAL VOLTAGE(VDC)
EXTERNAL RESISTOR(
)
EXTERNAL RESISTOR(
)
1
390
2
560
open
3
820
4
1K2
18K
5
2K2
6
4K7
7K5
open
Vci(Referencedto-S)
R1,1/8W(Typ.)
R2,1/8W(Typ.)
100
80
110
120
90
100
Vout
Vout
Vout
OVP 120%(Typ.)
OVP 120%(Typ.)
Non-Linear
80
70
60
60
Non-Linear
Non-Linear
105
40
50
20
40
100
TB1
SVR51
R1
R2
-V
+V
+S
1
1
+S
-S
2
2
-S
AUXG
AUXG
AUX
AUX
DC_OK
ON/OFF
DC_OK
ON/OFF
CS
CS
CN50
CN50
Vco
Vco
Vci
Vci
Vca
Vca
GND
11
11
GND
GND
12
12
GND
5.OutputVoltageTRIM
CN50
111
212
Fig5.1
Fig5.2
Fig5.3
ExternalVoltage
+S
1
-S
2
AUXG
AUX
DC_OK
ON/OFF
CS
CN50
Vco
Vci
Vca
GND
11
GND
12
1000WSingleOutputPowerSupply
R S P - 1 0 0 0 series
FileName:RSP-1000-SPEC 2008-01-22


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn