Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL6083 Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IL6083
Description  PWM Power Control IC with Interference Suppression
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL6083 Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IL6083 Datasheet HTML 2Page - IK Semicon Co., Ltd IL6083 Datasheet HTML 3Page - IK Semicon Co., Ltd IL6083 Datasheet HTML 4Page - IK Semicon Co., Ltd IL6083 Datasheet HTML 5Page - IK Semicon Co., Ltd IL6083 Datasheet HTML 6Page - IK Semicon Co., Ltd IL6083 Datasheet HTML 7Page - IK Semicon Co., Ltd IL6083 Datasheet HTML 8Page - IK Semicon Co., Ltd IL6083 Datasheet HTML 9Page - IK Semicon Co., Ltd IL6083 Datasheet HTML 10Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IL6083
Table of Electrical Parameters
Tamb = -40°C to +110°C, VBatt = 9 to 16.5 V, (basic function is guaranteed between 6.0 V to 9.0 V) reference
point ground, unless otherwise specified (see Figure 2). All other values refer to pin GND (pin 2).
Rate
Parameter
Symbol
Test Conditions
min
Typ. max
Unit
Pin 1
Current Consumption
Is
7.9
mA
Supply voltage
Vbatt
Overvoltage
Detection, stage 1
25
V
Stabilized voltage
VS
Is=10mA
24.5
27.0
V
Switching on
4.4
5.0
5.6
Level of the lowered battery voltage
Vbatt
Switching off
4.8
5.4
6.0
V
Battery Overvoltage Detection
Switching on
18.3 20.0 21.7
Stage 1
Vbatt
Switching off
16.7 18.5 20.3
V
Stage 2
Switching on
25.5 28.5 32.5
Detection stage 2
Vbatt
Switching off
19.5 23.0 26.5
V
Stabilized voltage
VS
Is=30mA
18.5 20.0 21.5
V
Short- Circuit Protection, Pin 6
short-circuit current limitation
VT1
VT1 = VS-V6
85
100
120 mV
VT2
VT2 = VS-V6
75
90
105
Short circuit voltage
VT1 -VT2
VT2 = VS-V6
3
10
30
mV
Delay Timer Short-circuit Detection, Vbatt = 12.0V, Pin 5
Switch off threshold
VT5
VT5 = VS-V5
10.2 10.4 10.6
V
Charge current
Ich
13
uA
Dicharge current
Idis
3
uA
Capacitance current
I5
I5 = Ich-Idis
5
10
15
mA
Voltage doubler, Pin 7
Voltage
V7
Duty cycle 100%
2VS
V
Oscillator frequency
f7
280
400
520 kHz
26.0 27.5 30.0
Internal voltage limitation
V7
I7=5mA (whichever is lower)
VS+14 VS+15 VS+16
V
dV8/dt =α4 dV4/dt
53
63
72
Edge rate
α4
dV8/dtmax
130
V/ms
Rev. 00


Similar Part No. - IL6083

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
More results

Similar Description - IL6083

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6083B ATMEL-U6083B_05 Datasheet
256Kb / 13P
   PWM Power Control IC with Interference Suppression
U6083B ATMEL-U6083B Datasheet
196Kb / 12P
   PWM Power Control IC with Interference Suppression
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
logo
KODENSHI_AUK CORP.
KKA6083 KODENSHI-KKA6083 Datasheet
117Kb / 7P
   PWM Power Control with Interference Suppression
logo
TEMIC Semiconductors
U6083B TEMIC-U6083B Datasheet
135Kb / 8P
   PWM Power Control with Interference Suppression
logo
IK Semicon Co., Ltd
ILA6083 IKSEMICON-ILA6083 Datasheet
105Kb / 7P
   PWM Power Control with Interference Suppression
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com