Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL2575D2 Datasheet(PDF) 11 Page - IK Semicon Co., Ltd

Part # IL2575D2
Description  1.0 A, 15 V, Step-Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2575D2 Datasheet(HTML) 11 Page - IK Semicon Co., Ltd

Back Button IL2575D2 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 9Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 10Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 11Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 12Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 13Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 14Page - IK Semicon Co., Ltd IL2575D2 Datasheet HTML 15Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IL2575-xx
Delayed Startup
There are some applications, like the inverting regulator already mentioned above, which require a
higher amount of startup current. In such cases, if the input power source is limited, this delayed startup
feature becomes very useful. To provide a time delay between the time the input voltage is applied and the
time when the output voltage comes up, the circuit in Figure 20 can be used. As the input voltage is applied,
the capacitor C1 charges up, and the voltage across the resistor R2 falls down. When the voltage on the
ON/OFF pin falls below the threshold value 1.4 V, the regulator starts up. Resistor R1 is included to limit the
maximum voltage applied to the ON/OFF pin, reduces the power supply noise sensitivity, and also limits the
capacitor C1 discharge current, but its use is not mandatory.
When a high 50 Hz or 60 Hz (100 Hz or 120 Hz respectively) ripple voltage exists, a long delay time
can cause some problems by coupling the ripple into the ON/OFF pin, the regulator could be switched
periodically on and off with the line (or double) frequency.
NOTE: This picture does not show the complete circuit.
Figure 20. Delayed Startup Circuitry
Undervoltage Lockout
Some applications require the regulator to remain off until the input voltage reaches a certain threshold
level. Figure 21 shows an undervoltage lockout circuit applied to a buck regulator. A version of this circuit for
buck–boost converter is shown in Figure 22. Resistor R3 pulls the ON/OFF pin high and keeps the regulator
off until the input voltage reaches a predetermined threshold level, which is determined by the following
expression:
NOTE: This picture does not show the complete circuit.
Figure 21. Undervoltage Lockout Circuit for
Buck Converter
Rev. 00


Similar Part No. - IL2575D2

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2576-12 IKSEMICON-IL2576-12 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-12D2 IKSEMICON-IL2576-12D2 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-12S IKSEMICON-IL2576-12S Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-15 IKSEMICON-IL2576-15 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-15D2 IKSEMICON-IL2576-15D2 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
More results

Similar Description - IL2575D2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
   1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576T-5G ONSEMI-LM2576T-5G Datasheet
253Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com