Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN16C554PL Datasheet(PDF) 9 Page - IK Semicon Co., Ltd

Part # IN16C554PL
Description  QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN16C554PL Datasheet(HTML) 9 Page - IK Semicon Co., Ltd

Back Button IN16C554PL Datasheet HTML 5Page - IK Semicon Co., Ltd IN16C554PL Datasheet HTML 6Page - IK Semicon Co., Ltd IN16C554PL Datasheet HTML 7Page - IK Semicon Co., Ltd IN16C554PL Datasheet HTML 8Page - IK Semicon Co., Ltd IN16C554PL Datasheet HTML 9Page - IK Semicon Co., Ltd IN16C554PL Datasheet HTML 10Page - IK Semicon Co., Ltd IN16C554PL Datasheet HTML 11Page - IK Semicon Co., Ltd IN16C554PL Datasheet HTML 12Page - IK Semicon Co., Ltd IN16C554PL Datasheet HTML 13Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
IN
16C554PL/IN16C554TQ
QUAD-UART
ASYNCHRONOUS COMMUNICATIONS ELEMENT
NOVEMBER 2002-REVISED AUG 2006
Decimal divisor to generate 16 x Clock
Desired baud rate
1.8432MHz
3.6864MHz
7.3728MHz
14.7456MHz
50
2304
4608
9216
18432
75
1536
3072
6144
12288
134.5
857
1714
3428
6856
150
768
1536
3072
6144
300
384
768
1536
3072
600
192
384
768
1536
1200
96
192
384
768
1800
64
128
256
512
2000
58
116
232
464
2400
48
96
192
384
3600
32
64
128
256
4800
24
48
96
192
7200
16
32
64
128
9600
12
24
48
96
19.2K
6
12
24
48
38.4K
3
6
12
24
57.6K
2
4
8
16
115.2K
1
2
4
8
230.4K
-
1
2
4
460.8K
-
-
1
2
921.6K
-
-
-
1
5.3. Line Status Register
This register provides status information to the CPU concerning the data transfer.
Bit 0 : Data Ready(DR) indicator. Bit 0 is set to a logic 1 whenever a complete incoming character has
been received and transferred into the Receiver Buffer Register or the FIFO. This bit is cleared by
reading all of the data in the Receiver Buffer Register of the FIFO.
Bit 1 : Overrun Error(OE) indicator. Bit 1 indicates that data in the Receiver Buffer Register was not
read by the CPU before the next character was transferred into the Receiver Buffer Register, thereby
destroying the previous character. This bit is set to a logic 1 when overrun occurs and cleared
whenever the CPU reads the contents of the Line Status Register. If the FIFO mode data continues to
fill the FIFO beyond the trigger level, an overrun error will occur only after the FIFO is full and the next
character has been completely received in the shift register. OE is indicated to the CPU as soon as it
happens. The character in the shift register is overwritten, but it is not transferred to the FIFO.
Bit 2 : Parity Error indicator. Bit 2 is set to a logic 1 upon detection of a parity error and is reset to a
logic 0 whenever CPU reads the contents of the Line Status Register. In the FIFO mode, this error is
revealed to CPU when its associated character is at the top of the FIFO.
Bit 3 : Framing Error indicator. Bit 3 indicates that the received character did not have a valid stop bit.
This bit is set to a logic 1 whenever the stop bit following the last data bit or parity bit is detected as a
logic 0 bit. It is reset to a logic 0 whenever CPU reads the contents of the Line Status Register. In the
FIFO mode, this error is revealed to CPU when its associated character is at the top of the FIFO.
When this error has been detected, CPU assumes it due to a next start bit, so it samples this start bit
twice and the take the data.
Rev. 01


Similar Part No. - IN16C554PL

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN16C554A IKSEMICON-IN16C554A Datasheet
264Kb / 31P
   Independent receiver clock input
More results

Similar Description - IN16C554PL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK16C554PL KODENSHI-KK16C554PL Datasheet
503Kb / 21P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com