Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL34C87D Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL34C87D
Description  CMOS Quad TRISTATE Differential Line Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL34C87D Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL34C87D Datasheet HTML 1Page - IK Semicon Co., Ltd IL34C87D Datasheet HTML 2Page - IK Semicon Co., Ltd IL34C87D Datasheet HTML 3Page - IK Semicon Co., Ltd IL34C87D Datasheet HTML 4Page - IK Semicon Co., Ltd IL34C87D Datasheet HTML 5Page - IK Semicon Co., Ltd IL34C87D Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IL34C87
Block Diagram
Input
Control
input
Output
Inverted
output
Limiting and extreme parameters
Table 1
Operating condition
Maximum ratings
Parameter
Symbol
min
max
min
max
Unit
Supply voltage
VDD
4.50
5.50
-0.5
7
V
DC input voltage
VIN
0
VCC
-1.5
VCC+1.
5
DC output voltage
VOUT
0
VCC
-0.5
7
Protection diode current
VDIFF
-20
+20
Voltage on input Enable
VIN
7
Output current
-150
+150
mA
Input Rise or Fall Times
(tr, tf)
tr, tf
500
ns
Dissipated
power
DIP
PD
1736
*
mW
SO
1226
*
Operating Temperature
Range (TA)
TA
-40
+85
°С
Storage temperature
TSTG
-65
+150
Temperature of
soldering, 4s
TL
260
* - at increasing temperature higher than 25°C PD decreased on 13.89mW/°C for DIP package and on
9.80mW/
°C for SO package.
3


Similar Part No. - IL34C87D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL34C87D INTEGRAL-IL34C87D Datasheet
150Kb / 4P
   CMOS Quad TRISTATE Differential Line Driver.
More results

Similar Description - IL34C87D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T Datasheet
231Kb / 8P
   CMOS Quad TRISTATE Differential Line Driver
logo
Integral Corp.
IL34C87 INTEGRAL-IL34C87 Datasheet
150Kb / 4P
   CMOS Quad TRISTATE Differential Line Driver.
logo
National Semiconductor ...
DS34LV87T NSC-DS34LV87T Datasheet
125Kb / 7P
   Enhanced CMOS Quad Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
   QUAD RS-422 CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
[Old version datasheet]   DS90C031QML LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com