Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL2596-AD2 Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IL2596-AD2
Description  Switching Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2596-AD2 Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IL2596-AD2 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2596-AD2 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2596-AD2 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2596-AD2 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2596-AD2 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2596-AD2 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2596-AD2 Datasheet HTML 9Page - IK Semicon Co., Ltd IL2596-AD2 Datasheet HTML 10Page - IK Semicon Co., Ltd IL2596-AD2 Datasheet HTML 11Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IL2596-xx
Application Information
Figure 3. Delayed Startup
Figure 4. Undervoltage Lockout for Buck Regulator
DELAYED STARTUP
The circuit in Figure 3 uses the the ON /OFF pin to provide a time delay between the time the input voltage is applied
and the time the output voltage comes up (only the circuitry pertaining to the delayed start up is shown). As the input voltage
rises, the charging of capacitor C1 pulls the ON /OFF pin high, keeping the regulator off. Once the input voltage reaches its final
value and the capacitor stops charging, and resistor R2 pulls the ON /OFF pin low, thus allowing the circuit to start switching.
Resistor R1 is included to limit the maximum voltage applied to the ON /OFF pin (maximum of 25V), reduces power supply noise
sensitivity, and also limits the capacitor, C1, discharge current. When high input ripple voltage exists, avoid long delay time,
because this ripple can be coupled into the ON /OFF pin and cause problems. This delayed startup feature is useful in
situations where the input power source is limited in the amount of current it can deliver. It allows the input voltage to rise to a
higher voltage before the regulator starts operating. Buck regulators require less input current at higher input voltages.
UNDERVOLTAGE LOCKOUT
Some applications require the regulator to remain off until the input voltage reaches a predetermined voltage. An
undervoltage lockout feature applied to a buck regulator is shown in Figure 4, while Figure 5 and 6 applies the same feature to
an inverting circuit. The circuit in Figure 5 features a constant threshold voltage for turn on and turn off (zener voltage plus
approximately one volt). If hysteresis is needed, the circuit in Figure 6 has a turn ON voltage which is different than the turn OFF
voltage. The amount of hysteresis is approximately equal to the value of the output voltage. If zener voltages greater than 25V
are used, an additional 47 k
Ω resistor is needed from the ON /OFF pin to the ground pin to stay within the 25V maximum limit of
the ON /OFF pin.
INVERTING REGULATOR
The circuit in Figure 7 converts a positive input voltage to a negative output voltage with a common ground. The circuit
operates by bootstrapping the regulator’s ground pin to the negative output voltage, then grounding the feedback pin, the
regulator senses the inverted output voltage and regulates it.
This circuit has an ON/OFF threshold of approximately 13V.
Figure 5. Undervoltage Lockout for Inverting Regulator
7
Rev. 03


Similar Part No. - IL2596-AD2

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2595-12 IKSEMICON-IL2595-12 Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-12D2 IKSEMICON-IL2595-12D2 Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-12Q IKSEMICON-IL2595-12Q Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-12S IKSEMICON-IL2595-12S Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-3 IKSEMICON-IL2595-3 Datasheet
651Kb / 12P
   Switching Voltage Regulators
More results

Similar Description - IL2596-AD2

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK1509-XX IKSEMICON-IK1509-XX Datasheet
103Kb / 6P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
TK16N60W TOSHIBA-TK16N60W Datasheet
255Kb / 10P
   Switching Voltage Regulators
TK40M60U TOSHIBA-TK40M60U Datasheet
249Kb / 9P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com