Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL2576-12 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IL2576-12
Description  3.0 A, 15 V, Step-Down Switching Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2576-12 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IL2576-12 Datasheet HTML 1Page - IK Semicon Co., Ltd IL2576-12 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2576-12 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2576-12 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2576-12 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2576-12 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2576-12 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2576-12 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2576-12 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IL2576-xx
Fixed Output Voltage Versions
Figure 3.
Cin – 100 mF, 75 V, Aluminium Electrolytic
Cout – 1000 mF, 25 V, Aluminium Electrolytic
D1 – Schottky, MBR360
L1 – 100 mH, Pulse Eng. PE–92108
R1 – 2.0 k, 0.1%
R2 – 6.12 k, 0.1%
Adjustable Output Voltage Versions
Figure 4.
⎟⎟
⎜⎜
+
=
1
2
0
.
1
R
R
V
V
ref
out
,
=
0
.
1
1
2
ref
out
V
V
R
R
Where Vref = 1.23 V, R1 between 1.0 k and 5.0 k
C1 = 10 nF
C2 = 1 nF
Rev. 02


Similar Part No. - IL2576-12

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2575-12 IKSEMICON-IL2575-12 Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
IL2575-12D2 IKSEMICON-IL2575-12D2 Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
IL2575-12Q IKSEMICON-IL2575-12Q Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
IL2575-12S IKSEMICON-IL2575-12S Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
IL2575-15 IKSEMICON-IL2575-15 Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
More results

Similar Description - IL2576-12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576T-5G ONSEMI-LM2576T-5G Datasheet
253Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com