Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL34C86N Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IL34C86N
Description  Differential line receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL34C86N Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IL34C86N Datasheet HTML 1Page - IK Semicon Co., Ltd IL34C86N Datasheet HTML 2Page - IK Semicon Co., Ltd IL34C86N Datasheet HTML 3Page - IK Semicon Co., Ltd IL34C86N Datasheet HTML 4Page - IK Semicon Co., Ltd IL34C86N Datasheet HTML 5Page - IK Semicon Co., Ltd IL34C86N Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IL34C86
Time diagram
of signals at changing dynamic parameters
tPLH, tPHL, tTLH, tTHL, tPZH, tPHZ, tPZL, tPLZ
t PLH
t PHL
Output
V- Input
V+ Input = 0 V
VOL
VOH
+2.5 V
-2.5 V
0 V
90 %
10 %
10 %
90 %
t TLH
t THL
50 %
5


Similar Part No. - IL34C86N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL34C86N INTEGRAL-IL34C86N Datasheet
129Kb / 5P
   Differential line receiver.
More results

Similar Description - IL34C86N

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
   Differential Line Receiver
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
   Differential line receiver.
logo
Intersil Corporation
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
   Differential Line Receiver
logo
Renesas Technology Corp
EL2142 RENESAS-EL2142 Datasheet
454Kb / 6P
   Differential Line Receiver
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
   Differential Line Driver/Receiver
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Texas Instruments
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116 Datasheet
122Kb / 8P
   Hex Differential Line Receiver
March, 2000 ??Rev. 3
logo
Texas Instruments
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com