Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL317L Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL317L
Description  100mA ADJUSTABLE OUTPUT, POSITIVE VOLTAGE REGULATOR IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL317L Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL317L Datasheet HTML 1Page - IK Semicon Co., Ltd IL317L Datasheet HTML 2Page - IK Semicon Co., Ltd IL317L Datasheet HTML 3Page - IK Semicon Co., Ltd IL317L Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IL317L
ELECTRICAL CHARACTERISTICS DIE ON WAFER
(VI - Vo = 3.0V, IO = 40mA, TA=25
°C, unless otherwise noted, Imax and Pmax (Note 1)
CHARACTERISTIC
Symbol
TEST CONDITION
Min
Max
Unit
Reference Voltage
(TA= -10
°C to +125°C)
VO
3.0V
≤ VI-Vo ≤40V
10mA
≤ Io ≤ Imax, PD ≤ Pmax
1.2
1.3
V
Line Regulation (Note 2)
ΔVOV
3.0V
≤ VI-Vo ≤40V, Io=10mA
160
mV
Line Regulation (TA= -10
°C to
+125
°C), (Note 2)
ΔVOV
3.0V
≤ VI-Vo ≤40V, Io=10mA
180
mV
. Load Regulation, (Note 2)
ΔVOI
10mA
≤ Io ≤ Imax, VO = 5.0V
6.0
mV
Load Regulation (TA= -10
°C to
+125
°C), (Note 2)
ΔVOI
10mA
≤ Io ≤ Imax, VO = 5.0V
10
mV
Adjustment Pin Current
IAdj
10
100
µA
Adjustment Pin Current Change
ΔIAdj
3.0V
≤ VI-Vo ≤40V
10mA
≤ Io ≤ Imax, PD ≤ Pmax
5.0
µA
Maximum Output Current
IO MAX
VI-VO =3.0V, PD
≤ Pmax
VI-VO = 40V, PD
≤ Pmax
0.1
0.025
0.3
0.15
A
Minimum Load Current to Maintain
Regulation VO=1.2V, f=120Hz
IL MIN
VI-Vo
≤40V
10
mA
Ripple Rejection
RR
Vo = 1.2V, f= 120Hz
66
dB
Notes: 1. Imax=100mA, Pmax=625mW;
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating
effects must be taken into account separately. Pulse testing with low duty cycle is used.
Fig.1 Test Circuit for Vo
>1.25V
Fig.2 Test Circuit for Vo=1.25V
Сi=0,1
μF, Сo=1,0 μF.
Сi=0,1
μF, Сo=1,0 μF.
Vo=1,25(1+R2/R1)IADJ R2
Rev. 00


Similar Part No. - IL317L

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
   Output Current in Excess of 100mA
More results

Similar Description - IL317L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
logo
SeCoS Halbleitertechnol...
SCLM317L SECOS-SCLM317L Datasheet
595Kb / 3P
   100mA Adjustable Voltage Regulator
logo
GTM CORPORATION
GLLM317L GTM-GLLM317L Datasheet
197Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
GMLM317L GTM-GMLM317L Datasheet
206Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
GSCLM317L GTM-GSCLM317L Datasheet
229Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SMLM317L SECOS-SMLM317L Datasheet
595Kb / 3P
   100mA Adjustable Voltage Regulator
logo
GTM CORPORATION
GCLM317L GTM-GCLM317L Datasheet
194Kb / 3P
   100mA adjustable voltage regulator.
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com