Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD-05-SPEC Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PSD-05-SPEC
Description  5W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PSD-05-SPEC Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PSD-05-SPEC Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PSD-05-SPEC Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
(HORIZONTAL)
(VERTICAL)
MechanicalSpecification
DeratingCurve
-10
-10
0
10
20
30
40
50
45
60
55
20
40
60
80
100
PWM
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
ING
CONTROL
BlockDiagram
fosc:67KHz
AMBIENTTEMPERATURE()
4
2
3
1
67
75
CN2
CN1
2
1
4-3.5Dia
MountingHoles
TochassisGrounding
DCOutputConnector(CN1):MOLEX5273-02orequivalent
PinNo.
1
2
Assignment
+V
-V
MatingHousing
orequivalent
Terminal
orequivalent
DCInputConnector(CN2):MOLEX5285-03orequivalent
PinNo.
1
2
Assignment
MatingHousing
orequivalent
orequivalent
Terminal
FG
(-V)
3
(+V)
StaticCharacteristics
INPUTVOLTAGE
36
48
72
100
90
80
70
60
50
40
MOLEX5058
MOLEX2478
MOLEX5195
MOLEX5194
FileName:PSD-05-SPEC2006-08-22
5WSingleOutputDC-DCConverter
P S D - 0 5 series


Similar Part No. - PSD-05-SPEC

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSD-05-05 MEANWELL-PSD-05-05 Datasheet
289Kb / 2P
   5W Single Output DC-DC Converter
PSD-05-12 MEANWELL-PSD-05-12 Datasheet
289Kb / 2P
   5W Single Output DC-DC Converter
PSD-05-24 MEANWELL-PSD-05-24 Datasheet
289Kb / 2P
   5W Single Output DC-DC Converter
More results

Similar Description - PSD-05-SPEC

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSD-05 MEANWELL-PSD-05_09 Datasheet
289Kb / 2P
   5W Single Output DC-DC Converter
SCW05-SPEC MEANWELL-SCW05-SPEC Datasheet
160Kb / 1P
   5W DC-DC Regulated Single Output Converter
SLW05 MEANWELL-SLW05 Datasheet
185Kb / 1P
   5W DC-DC Regulated Single Output Converter
SCW05 MEANWELL-SCW05_11 Datasheet
162Kb / 1P
   5W DC-DC Regulated Single Output Converter
SPB05 MEANWELL-SPB05 Datasheet
61Kb / 1P
   5W DC-DC Regulated Single Output Converter
logo
STMicroelectronics
GS5T24-5D15 STMICROELECTRONICS-GS5T24-5D15 Datasheet
41Kb / 2P
   5W TRIPLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
NSD05-S MEANWELL-NSD05-S_10 Datasheet
267Kb / 2P
   5W DC-DC Regulated Single Output
NSD05-S MEANWELL-NSD05-S Datasheet
265Kb / 2P
   5W DC-DC Regulated Single Output
NSD05-S MEANWELL-NSD05-S_11 Datasheet
267Kb / 2P
   5W DC-DC Regulated Single Output
DLW05 MEANWELL-DLW05 Datasheet
187Kb / 1P
   5W DC-DC Regulated Dual Output Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com