Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-65-27 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PS-65-27
Description  65W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PS-65-27 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PS-65-27 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PS-65-27 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:PS-65-SPEC 2007-03-14
Unit:mm
fosc:65KHz
DCOutputConnector(CN2):Molex5273-06orequivalent
PinNo.
1,2,3
4,5,6
Assignment
+V
-V
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
ACInputConnector(CN1):Molex5277-02orequivalent
PinNo.
1
2
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
BlockDiagram
MechanicalSpecification
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
OTHERS
3.3V,5V
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
85
70
60
50
40
DeratingCurve
AC/N
AC/L
FG
5.6
2
1
5
6
115.8
127
CN1
CN2
4
3
2
1
M1
M2
ACFUSE
F4A/250V
-V
FG
I/P
CIRCUIT
CONTROL
O.L.P.
PWM
O.V.P.
SWITCH-
RECTIFIERS
FILTER
EMI
FILTER
&
POWER
ING
DETECTION
RECTIFIERS
FILTER
&
+V
65WSingleOutputSwitchingPowerSupply
P S - 6 5 series


Similar Part No. - PS-65-27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS-65-27 ETC2-PS-65-27 Datasheet
103Kb / 2P
   SWITCHING POWER SUPPLY
logo
Astrodyne Corporation
PS-65-27 ASTRODYNE-PS-65-27 Datasheet
1Mb / 8P
   65W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-65-27 RSG-PS-65-27 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-65-27 MEANWELL-PS-65-27 Datasheet
429Kb / 2P
   65W Single Output Switching Power Supply
More results

Similar Description - PS-65-27

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS65 ASTRODYNE-PS65 Datasheet
323Kb / 4P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-65 MEANWELL-PS-65_11 Datasheet
429Kb / 2P
   65W Single Output Switching Power Supply
EPS-65 MEANWELL-EPS-65_11 Datasheet
560Kb / 3P
   65W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS-65 ASTRODYNE-PS-65 Datasheet
1Mb / 8P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-65 MEANWELL-EPS-65_12 Datasheet
1Mb / 3P
   65W Single Output Switching Power Supply
EPS-65S MEANWELL-EPS-65S Datasheet
96Kb / 4P
   65W Single Output Switching Power Supply
logo
Total Power Internation...
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com