Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILE4260-2 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # ILE4260-2
Description  Power Voltage Regulator 5 V/500mA with Low Drop-out Voltage(analog to TLE4260 -2, Siemens)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4260-2 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  ILE4260-2_1 Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4260-2_1 Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4260-2_1 Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4260-2_1 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4260-2_1 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ILE4260-2
Standard Application Circuit
Output
Input
6V to 40V
1
5
470nF
ILA4260-2
3
100 nF
Reset
2
4
4.7 kOhm
22mkF
Standard Operation Diagram
(pin 01)
47
UI,V
∆U
I
t, ms
t, ms
t, ms
t, ms
URT
UDT
UST
tt
td
13.5
(pin 05)
UQ,V
0
UC,V
(pin 04)
(pin 02)
UR,V
5


Similar Part No. - ILE4260-2_1

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2_11 Datasheet
172Kb / 9P
   5-V Low-Drop Voltage Regulator
More results

Similar Description - ILE4260-2_1

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
logo
Infineon Technologies A...
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
TLE4678 INFINEON-TLE4678 Datasheet
642Kb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
TLE4699 INFINEON-TLE4699 Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Integral Corp.
ILE4264 INTEGRAL-ILE4264 Datasheet
135Kb / 4P
   5V/100mA Low-Drop Fixed-Voltage Regulator (analog TLE4264G, Siemens)
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com