Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL78L24 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL78L24
Description  POSITIVE VOLTAGE REGULATOR 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL78L24 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL78L24 Datasheet HTML 1Page - IK Semicon Co., Ltd IL78L24 Datasheet HTML 2Page - IK Semicon Co., Ltd IL78L24 Datasheet HTML 3Page - IK Semicon Co., Ltd IL78L24 Datasheet HTML 4Page - IK Semicon Co., Ltd IL78L24 Datasheet HTML 5Page - IK Semicon Co., Ltd IL78L24 Datasheet HTML 6Page - IK Semicon Co., Ltd IL78L24 Datasheet HTML 7Page - IK Semicon Co., Ltd IL78L24 Datasheet HTML 8Page - IK Semicon Co., Ltd IL78L24 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IL78LXX
IL78L05 ELECTRICAL CHARACTERISTICS
(At specified virtual junction temperature, V =10V, lo=40mA (unless otherw
l
ise noted)
Characteistic
Symbol
Min
Typ.
Max.
Unit
4.8
5
5.2
1㎃≤Io≤40㎃
7V≤VI≤Vmax
4.75
5
5.25
1㎃≤Io≤70㎃
4.75
5
5.25
7≤VI≤20V
32
150
8≤VI≤20V
26
100
1㎃≤Io≤100㎃
15
60
1㎃≤Io≤40㎃
830
25℃
3.8
6
125℃
5.5
9≤VI≤20V
1.5
1㎃≤Io≤40㎃
0.1
Output noise voltage
V
N
10㎐≤f≤100㎑
25℃
42
Ripple rejection
RR
8≤VI≤20V
f=120㎐
25℃
41
49
dB
Dropout voltage
V
D
25℃
1.7
V
△I
B
Test condition *
25℃
-40 ~ 125℃
25℃
25℃
Line regulation
I
B
Bias current
Load regulation
Reg load
Bias current change
V
-40 ~ 125℃
Output voltage **
Vout
Reg line
Notes
lse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
.
㎌ capacitor across the output.
**. T
*.
Pu
possible.
Thermal effects must be taken into account separately
All characteristics are measured with a 0.33㎌ capacitor across the input and a 0.1
his specification applies only for DC power dissipation permitted by absolute maximum ratings.
Rev. 01


Similar Part No. - IL78L24

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL78L24 INTEGRAL-IL78L24 Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
KODENSHI_AUK CORP.
IL78L24 KODENSHI-IL78L24 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
More results

Similar Description - IL78L24

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
L78LXXA UMW-L78LXXA Datasheet
216Kb / 13P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
logo
Hangzhou Youwang Electr...
UTC78LXX YOUWANG-UTC78LXX Datasheet
132Kb / 6P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com