Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL78L05 Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IL78L05
Description  POSITIVE VOLTAGE REGULATOR 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL78L05 Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IL78L05 Datasheet HTML 3Page - IK Semicon Co., Ltd IL78L05 Datasheet HTML 4Page - IK Semicon Co., Ltd IL78L05 Datasheet HTML 5Page - IK Semicon Co., Ltd IL78L05 Datasheet HTML 6Page - IK Semicon Co., Ltd IL78L05 Datasheet HTML 7Page - IK Semicon Co., Ltd IL78L05 Datasheet HTML 8Page - IK Semicon Co., Ltd IL78L05 Datasheet HTML 9Page - IK Semicon Co., Ltd IL78L05 Datasheet HTML 10Page - IK Semicon Co., Ltd IL78L05 Datasheet HTML 11Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IL78LXX
IL78L10 ELECTRICAL CHARACTERISTICS
(At specified virtual junction temperature, Vl=16V, lo=40mA (unless otherwise noted)
Characteistic
Symbol
Min
Typ.
Max.
Unit
25℃
9.6
10
10.4
1㎃≤Io≤40㎃
13V≤VI≤25V
9.5
10
10.5
1㎃≤Io≤70㎃
9.5
10
10.5
13≤VI≤25V
51
175
14≤VI≤25V
42
125
1㎃≤Io≤100㎃
20
90
1㎃≤Io≤40㎃
11
40
25℃
4.2
6
125℃
5.5
14≤VI≤25V
1.5
1㎃≤Io≤40㎃
0.1
Output noise voltage
V
N
10㎐≤f≤100㎑
25℃
62
Ripple rejection
RR
15≤VI≤25V
f=120㎐
25℃
37
44
dB
Dropout voltage
V
D
25℃
1.7
V
Bias current change
V
-40 ~ 125℃
Output voltage **
Vout
Reg line
Line regulation
I
B
Bias current
Load regulation
Reg load
△I
B
Test condition *
-40 ~ 125℃
25℃
25℃
Notes
*.
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible.
Thermal effects must be taken into account separately.
All characteristics are measured with a 0.33㎌ capacitor across the input and a 0.1㎌ capacitor across the output.
**. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
Rev. 01


Similar Part No. - IL78L05

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL78L05 INTEGRAL-IL78L05 Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
More results

Similar Description - IL78L05

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
L78LXXA UMW-L78LXXA Datasheet
216Kb / 13P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
logo
Hangzhou Youwang Electr...
UTC78LXX YOUWANG-UTC78LXX Datasheet
132Kb / 6P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com