Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL78XX Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL78XX
Description  POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL78XX Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL78XX Datasheet HTML 1Page - IK Semicon Co., Ltd IL78XX Datasheet HTML 2Page - IK Semicon Co., Ltd IL78XX Datasheet HTML 3Page - IK Semicon Co., Ltd IL78XX Datasheet HTML 4Page - IK Semicon Co., Ltd IL78XX Datasheet HTML 5Page - IK Semicon Co., Ltd IL78XX Datasheet HTML 6Page - IK Semicon Co., Ltd IL78XX Datasheet HTML 7Page - IK Semicon Co., Ltd IL78XX Datasheet HTML 8Page - IK Semicon Co., Ltd IL78XX Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IL78XX
IL7805 ELECTRICAL CHARACTERISTICS
(Refer to test circuit, Tmin<Tj<Tmax, Io=500mA, VI=10V, Ci=0.33 ㎌, Co=0.1 ㎌, unless otherwise sprcified)
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Tj = 25
° C
4.8
5.0
5.2
Output Voltage
Vo
5.0mA ≤Io ≤1.0A, PD ≤15W
VI = 7V to 20V
VI = 8V to 20V
4.75
5.0
5.25
V
VI = 7V to 25V
4.0
100
Line Regulation
Vo
Tj =
25
° C
VI = 8V to 12V
1.6
50
Io = 5.0mA to 1.5A
9
100
Load Regulation
Vo
Tj =
25
° C
Io = 250mA to 750mA
4
50
mV
Quiescent current
Iq
Tj = 25
° C
5
8
mA
Io = 5mA to 1A
0.03
0.5
VI = 7V to 25V
0.3
1.3
Quiescent current
Change
Iq
VI = 8V to 25V
mA
Output voltage Drift
Vo/△T
Io = 5mA
-0.8
mV/
° C
Output noise voltage
Vn
f = 10Hz to 100KHz, Ta = 25
° C
42
Ripple Rejection
RR
f = 120Hz, VI = 8V to 18V
62
73
dB
Dropout voltage
Vd
Io = 1A, Tj = 25
° C
2
V
Peak current
Ipk
Tj = 25
° C
2.2
A
Output Resistance
Ro
f = 1KHz
15
Short circuit current
Isc
Vi = 35V, Ta = 25
° C
230
mA
* Load and lone regulation are specified at constant junction temperature. Changes in Vo due to heating effects
must be taken into account separately. Pulse testing with low duty is used.
Rev. 02


Similar Part No. - IL78XX

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL78 INTEGRAL-IL78 Datasheet
135Kb / 5P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
IL7805 INTEGRAL-IL7805 Datasheet
135Kb / 5P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
IL7806 INTEGRAL-IL7806 Datasheet
135Kb / 5P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
IL7808 INTEGRAL-IL7808 Datasheet
135Kb / 5P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
IL7809 INTEGRAL-IL7809 Datasheet
135Kb / 5P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - IL78XX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7812A FAIRCHILD-LM7812A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78LXX IKSEMICON-IL78LXX Datasheet
292Kb / 14P
   POSITIVE VOLTAGE REGULATOR 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com