Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPQ-100B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PPQ-100B
Description  100W Quad Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PPQ-100B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PPQ-100B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PPQ-100B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
177.8
165.1
FG
CN1
T5A/250V
6
4-
3.96
6.35
SVR1
CN2
5
1
3
7
8
3
4
5
2
1
CN3
2
4
1 2 3 4
LED
FS1
5
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:PPQ-100-SPEC2008-03-25
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
90
100
115
135
155
230
264
100
90
80
70
60
50
40
-10
-10
0
0
10
20
30
40
50
60 (HORIZONTAL)
20
40
60
80
90
100
17.8CFMForced AirCooling(10cm)
DCOutputConnector(CN2):JST B5P-VHorequivalent
ACInputConnector(CN1):JST B5P-VHorequivalent
DCOutputConnector(CN3):JST B8P-VHorequivalent
PinNo.
PinNo.
PinNo.
1,2
1
1~4
3
2,4
5~8
4
3
5
5
Assignment
Assignment
Assignment
V2
FG
V1
COM
NC
NoPin
V3
AC/L
V4
AC/N
MatingHousing
MatingHousing
MatingHousing
JST VHR
JST VHR
JST VHR
orequivalent
orequivalent
orequivalent
Terminal
Terminal
Terminal
JST SVH-21T-P1.1
JST SVH-21T-P1.1
JST SVH-21T-P1.1
orequivalent
orequivalent
orequivalent
BlockDiagram
fosc:70KHz
(Option)
PWM&PFC
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
V3
I/P
FG
CONTROL
O.V.P.
&
PFC
CIRCUT
RECTIFIERS
FILTER
&
V4
V2
&
FILTER
RECTIFIERS
COM
+5V
DETECTION
REGULATOR
RECTIFIERS
FILTER
&
RECTIFIERS
FILTER
&
REGULATOR
P P Q - 1 0 0 series
100WQuadOutputwithPFCFunction


Similar Part No. - PPQ-100B

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PPQ-100B RSG-PPQ-100B Datasheet
220Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100B MEANWELL-PPQ-100B Datasheet
365Kb / 2P
   100W Quad Output with PFC Function
PPQ-100B MEANWELL-PPQ-100B Datasheet
364Kb / 2P
   100W Quad Output with PFC Function
More results

Similar Description - PPQ-100B

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-100 MEANWELL-QP-100 Datasheet
898Kb / 5P
   100W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-100 RSG-QP-100 Datasheet
232Kb / 5P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100_11 Datasheet
365Kb / 2P
   100W Quad Output with PFC Function
QP-100 MEANWELL-QP-100_10 Datasheet
944Kb / 5P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-100 ASTRODYNE-QP-100 Datasheet
425Kb / 3P
   100W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003D CUI-VPPQ-1003D Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-1003 MEANWELL-PPQ-1003_11 Datasheet
673Kb / 3P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
PPQ1003 ASTRODYNE-PPQ1003 Datasheet
355Kb / 4P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-1003 MEANWELL-PPQ-1003 Datasheet
668Kb / 3P
   100W Quad Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com