Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL8190N Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IL8190N
Description  Precision Air-Core Tach/Speedo Driver with Return to Zero
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL8190N Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IL8190N Datasheet HTML 3Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 4Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 5Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 6Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 7Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 8Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 9Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 10Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 11Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IL8190N
tDCHG
VCC
VREG
FREQIN
SQOUT
ICP+
VCP+
T
tCHG
Figure 7. Timing Diagram of FREQIN and ICP
Ripple voltage on the V/F output causes
pointer or needle flutter especially at low input
frequencies.
The response time of the V/F is determined by
the time constant formed by RT and C4.
Increasing the value of C4 will reduce the ripple
on the V/F output but will also increase the
response time. An increase in response time
causes a very slow meter movement and may be
unacceptable for many applications.
The IL8190N has an undervoltage detect
circuit that disables the input comparator when
VCC falls below 8.0 V (typical). With no input
signal the V/F output voltage decreases and the
needle
moves
towards
zero.
A
second
undervoltage detect circuit at 6.0 V(typical)
causes the function generator to generate a
differential SIN drive voltage of zero volts and the
differential COS drive voltage to go as high as
possible. This combination of voltages (Figure 1)
across the meter coil moves the needle to the 0
°
position.
Connecting
a
large
capacitor(> 2000
µF) to the VCC lead (C2 in
Figure 8) increases the time between these
undervoltage
points
since
the
capacitor
discharges slowly and ensures that the needle
moves towards 0
° as opposed to 360°. The exact
value of the capacitor depends on the response
time of the system, he maximum meter deflection
and the current consumption of the circuit. It
should be selected by breadboarding the design
in the lab.
7


Similar Part No. - IL8190N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL8190 IKSEMICON-IL8190 Datasheet
493Kb / 13P
   Direct Sensor Input
More results

Similar Description - IL8190N

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS8190 ONSEMI-CS8190_06 Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com