Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILE4271-2 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # ILE4271-2
Description  5-V LOW-DROP FIXED VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4271-2 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  ILE4271-2 Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4271-2 Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4271-2 Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4271-2 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4271-2 Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4271-2 Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4271-2 Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4271-2 Datasheet HTML 8Page - IK Semicon Co., Ltd ILE4271-2 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ILE4271-2
Maximum & Absolute Maximum Ratings
Maximum Ratings
Absolute Maximum
Ratings
Parameter Symbol
Unit
min.
max.
min.
max.
Junction temperature, ТJ
oC
-40
125
-40
150
Storage temperature, ТS
oC
-
-
-50
150
-
-
-
-
Input voltage, VI
V
-
-
-
-
6
36
-42
42
Inhibit voltage, UINH
V
-
-
-
65*
Input current, II
A
-
internally
limited
-
internally
limited
Output voltage, UQ
V
4,9
5,1
-1
16
Output current, IQ
mA
-5
internally
limited
-5
internally
limited
Current on common pin ,IGND
mA
-
-
-0.5
Reset voltage, UR
V
4,9
5,1
-1
16
Reset current, IR
A
-5
internally
limited
-5
internally
limited
Output voltage, UQ
V
-
-
-0.3
7
Output current, IQ
mA
-
-
-5
5
Output voltage, UQ
V
-
-
-0.3
7
Output current, IQ
mA
-
-
-5
5
Thermal resistance junction ambient
(P-TO-263-7-1), Rth ja,
oC /W
-
70**
-
70**
Thermal resistance junction case
(P-TO-263-7-1), Rth jc
°С/W
-
3**
-
3**
* Time of influence t
≤ 400ms
** Thermal resistance junction ambient for IC with heat dissipater is calculated by formula:
Rth ja = Rth jc + Rth ca (1)
Rth jc - thermal resistance junction case,
oC /W.
Application circuit and heat dissipater have to provide TJ ≤ 125
ОС.
Maximum power Ptot,Вт, dissipated by IC for TA , is calculated by formula:
Ptot = (125 - TA) / Rth ja (2)
125 – maximum permitable operating junction temperature,
ОС.
4


Similar Part No. - ILE4271-2

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4271-2 IKSEMICON-ILE4271-2 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results

Similar Description - ILE4271-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com