Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILE4270G Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # ILE4270G
Description  5-V Low-Drop Fixed Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4270G Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  ILE4270G Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4270G Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4270G Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4270G Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4270G Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4270G Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4270G Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4270G Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ILE4270
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives the
base of a series transistor via a buffer. Saturation control as a function of the load current
prevents any over-saturation of the power element. If the output voltage decreases below
4.5 V, an external capacitor CD on pin 4 (D) will be discharged by the reset generator. If
the voltage on this capacitor drops below VDRL, a reset signal is generated on pin 2 (RO),
i.e. reset output is set low. If the output voltage rises above 4.5 V, CD will be charged with
constant current. After the power-on-reset time the voltage on the capacitor reaches VDU
and the reset output will be set high again. The value of the power-on-reset time can be
set within a wide range depending of the capacitance of CD.
The IC also incorporates a number of internal circuits for protection against:
• Overload
• Overvoltage
• Overtemperature
• Reverse polarity
Block Diagram
3


Similar Part No. - ILE4270G

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILE4270G INTEGRAL-ILE4270G Datasheet
192Kb / 6P
   IC OF 5 V/550MA POWER VOLTAGE REGULATOR WITH LOW RESIDUAL VOLTAGE (ANALOG OF TLE4270G BY SIEMENS)
logo
IK Semicon Co., Ltd
ILE4270G IKSEMICON-ILE4270G Datasheet
165Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4270GD2 IKSEMICON-ILE4270GD2 Datasheet
165Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4270GKB IKSEMICON-ILE4270GKB Datasheet
165Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4270G IKSEMICON-ILE4270G_11 Datasheet
165Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - ILE4270G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com