Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX2N6798 Datasheet(PDF) 3 Page - International Rectifier

Part # JANTX2N6798
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6798 Datasheet(HTML) 3 Page - International Rectifier

  JANTX2N6798 Datasheet HTML 1Page - International Rectifier JANTX2N6798 Datasheet HTML 2Page - International Rectifier JANTX2N6798 Datasheet HTML 3Page - International Rectifier JANTX2N6798 Datasheet HTML 4Page - International Rectifier JANTX2N6798 Datasheet HTML 5Page - International Rectifier JANTX2N6798 Datasheet HTML 6Page - International Rectifier JANTX2N6798 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
IRFF230
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics


Similar Part No. - JANTX2N6798

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6798 IRF-JANTX2N6798 Datasheet
231Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=5.5A)
logo
List of Unclassifed Man...
JANTX2N6798 ETC2-JANTX2N6798 Datasheet
47Kb / 5P
   100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
International Rectifier
JANTX2N6798 IRF-JANTX2N6798 Datasheet
194Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6798U IRF-JANTX2N6798U Datasheet
201Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
JANTX2N6798 IRF-JANTX2N6798_15 Datasheet
194Kb / 7P
   Repetitive Avalanche Ratings
More results

Similar Description - JANTX2N6798

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF9220 IRF-IRFF9220 Datasheet
130Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
IRFF310 IRF-IRFF310 Datasheet
129Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
IRFF210 IRF-IRFF210 Datasheet
130Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
IRFF120 IRF-IRFF120 Datasheet
131Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFAG40 IRF-IRFAG40 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAC40 IRF-IRFAC40 Datasheet
152Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-204AA/AE)
logo
New Jersey Semi-Conduct...
IRF240 NJSEMI-IRF240 Datasheet
101Kb / 2P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE
logo
International Rectifier
IRFAE30 IRF-IRFAE30 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF460PBF IRF-IRF460PBF Datasheet
143Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?숿RANSISTORS THRU-HOLE (TO-204AA/AE)
IRF034 IRF-IRF034 Datasheet
144Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com